Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641-DWF Datasheet(PDF) 65 Page - Dialog Semiconductor

Part # AT25SL641-DWF
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641-DWF Datasheet(HTML) 65 Page - Dialog Semiconductor

Back Button AT25SL641-DWF Datasheet HTML 61Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 62Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 63Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 64Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 65Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 66Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 67Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 68Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 69Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
64
AT25SL641
DS-25SL641–113F–12/2018
8.3
Power-up Timing and Write Inhibit Threshold
Note:
1. These parameters are characterized at -10C & +85C only
Figure 8-1.
Power-up Timing and Voltage Levels
8.4
DC Electrical Characteristics
Table 8-4.
Power-up Timing and Write Inhibit Threshold Parameters
Parameter
Symbol
Min
Max
Unit
VCC (min) to CS Low
tVSL(1)
15
µs
Time Delay Before Write Instruction
t
PUW
(1)
1
10
ms
Write Inhibit Threshold Voltage
V
WI(
1)
1.0
1.4
V
Table 8-5.
DC Electrical Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Capacitance
CIN
(1)
VIN = 0V(2)
6
pF
Output Capacitance
COUT(1)
VOUT = 0V(2)
8
pF
Input Leakage
ILI
±2
µA
I/O Leakage
ILO
±2
µA
Standby Current
ICC1
CS = VCC,
VIN = GND or VCC
10
50
µA
Power Down Current
ICC2
CS = VCC,
VIN = GND or VCC
2
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com