Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25SL641-DWF Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # AT25SL641-DWF
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641-DWF Datasheet(HTML) 2 Page - Dialog Semiconductor

  AT25SL641-DWF Datasheet HTML 1Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 2Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 3Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 4Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 5Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 6Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 7Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 8Page - Dialog Semiconductor AT25SL641-DWF Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
DS-25SL641–113F–12/2018
Features
Single 1.7V - 2.0V Supply
Serial Peripheral Interface (SPI) and Quad Peripheral Interface (QPI) Compatible
Supports SPI Modes 0 and 3
Supports Dual Output Read and Quad I/O Program and Read
Supports QPI Program and Read
133 MHz Maximum Operating Frequency
Clock-to-Output (t
V1) of 6 ns
Up to 66 MB/s Continuous Data Transfer Rate
Full Chip Erase
Flexible, Optimized Erase Architecture for Code and Data Storage Applications
0.6 ms Typical Page Program (256 Bytes) Time
60 ms Typical 4-Kbyte Block Erase Time
200 ms Typical 32-Kbyte Block Erase Time
350 ms Typical 64-Kbyte Block Erase Time
Hardware Controlled Locking of Status Registers via WP Pin
4 Kbit secured One-Time Programmable Security Register
Hardware Write Protection
Serial Flash Discoverable Parameters (SFDP) Register
Flexible Programming
Byte/Page Program (1 to 256 Bytes)
Dual or Quad Input Byte/Page Program (1 to 256 Bytes)
Erase/Program Suspend and Resume
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
2 µA Deep Power-Down Current (Typical)
10 µA Standby current (Typical)
5 mA Active Read Current (Typical)
Endurance: 100,000 program/erase cycles (4KB, 32KB or 64KB blocks)
Data Retention: 20 Years
Industrial Temperature Range: -40°C to +85°C
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
8-lead SOIC (208-mil)
8-pad DFN (6 x 5 x 0.6 mm)
8-ball WLCSP (dBGA)
Die in Wafer Form
AT25SL641
64-Mbit, 1.7V Minimum
SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com