Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-01 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL650-01
Description  Low EMI Network LAN Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-01 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL650-01 Datasheet HTML 1Page - PhaseLink Corporation PLL650-01 Datasheet HTML 2Page - PhaseLink Corporation PLL650-01 Datasheet HTML 3Page - PhaseLink Corporation PLL650-01 Datasheet HTML 4Page - PhaseLink Corporation PLL650-01 Datasheet HTML 5Page - PhaseLink Corporation PLL650-01 Datasheet HTML 6Page - PhaseLink Corporation PLL650-01 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PLL650-01
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
CLKA1
17
O
Clock A Output. Frequency Select pin selectable via (FS0 ~ FS4).
CLKA2
13
O
Clock A Output. Frequency Select pin selectable via (FS0 ~ FS4).
CLKB1
10
O
Clock B Output. Frequency Select pin selectable via (FS0 ~ FS4).
CLKB2
9
O
Clock B Output. Frequency Select pin selectable via (FS0 ~ FS4).
CLKC1
7
O
Clock C Output. Selectable from jumper CS0 and table CS1 output.
CLKC2
8
O
Clock C Output. Selectable from jumper CS0 and table CS1 output.
XIN
3
I
Crystal input to be connected to a fundamental crystal or clock input.
XOUT
2
O
Crystal Connection.
FS2
19
I
Frequency Select 2. Select outputs per table on page 3.
FS3
20
I
Frequency Select 3. Select outputs per table on page 3.
CS0
11
I
Clock C select pin. Select outputs for CLKC1, CLKC2.
FS0
1
I
Frequency Select 0. Select outputs per table on page 3.
FS1
5
I
Frequency Select 1. Select outputs per table on page 3.
FS4
12
I
Frequency Select 4. Select outputs per table on page 3.
OE
15
I
Output Enable. When low, Tri-states all outputs.
REF/CS1
18
B
Buffered Reference Clock Outputs. Same frequency as crystal or clock input.
This pin latches CS1 value at power up and select outputs for CLKC1,
CLKC2 (See table on page 3). Has internal pull-up resistor.
VDD
4,16
P
3.3V power supply.
GND
6,14
P
Ground.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com