Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-01 Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL650-01
Description  Low EMI Network LAN Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-01 Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL650-01 Datasheet HTML 1Page - PhaseLink Corporation PLL650-01 Datasheet HTML 2Page - PhaseLink Corporation PLL650-01 Datasheet HTML 3Page - PhaseLink Corporation PLL650-01 Datasheet HTML 4Page - PhaseLink Corporation PLL650-01 Datasheet HTML 5Page - PhaseLink Corporation PLL650-01 Datasheet HTML 6Page - PhaseLink Corporation PLL650-01 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PLL650-01
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 4
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and output frequencies
The PLL650-01 provides selectable spread spectrum modulation and selectable output frequencies, as well as an
“output enable” selection input (pin 15). Selection is made by connecting specific pins to a logical “zero” or “one”,
according to the frequency selection tables shown on page 3.
In order to reduce the number of pins on the chip, the PLL650-01 uses pin 18 (REF/CS1) as a bi-directional pin
that serves as input (CS1) upon power-up, and as output (REF) as soon as the input has been latched.
Pins 1 (FS0), 5 (FS1), 19 (FS2), 20 (FS3), and 12 (FS4) are used as inputs to select the CLKA1, CLKA2, CLKB1,
CLKB2 output frequencies and spread spectrum (SST) modulations (as detailed in the frequency selection table on
page 3). Pins 11 (CS0) and 18 (REF/CS1) are used to select the CLKC1 and CLKC2 frequency outputs. As said
above, pin 18 is a bi-directional pin.
Pin 15 (OE) is the output enable selection input that tri-states (disables) all outputs when selected to “low” (logical
“zero”).
Connecting a selection pin to a logical “one”
In order to connect pins 1 (FS0), 5 (FS1), 19 (FS2), 20 (FS3), and 12 (FS4) to “high” (logical “one), the pins simply
need to be connected to VDD. Pins 15 and 18 have an internal pull-up resistor of 100k
Ω. This internal pull-up re-
sistor will pull the input value to a logical “one” (pull-up) by default, i.e. when no resistive load is connected be-
tween the pin and GND. For pins 15 and 18, no external pull-up resistor is therefore required for connecting a logi-
cal “one” upon. Note: since pin18 also is used as an output, it may happen that the output load present a low im-
pedance in comparison to the internal pull-up resistor. In this case, the internal pull-up resistor may not be suffi-
cient to pull the input up to a logical “one”, and an external pull-up resistor may be required.
Connecting a selection pin to a logical “zero”
Except for pin 18 (REF/CS1) that is bi-directional, all other input pins are input only. In order to connect them to a
logical “zero”, the pins simply need to be grounded. Connecting pin 18 to a logical “zero” will however require the
use of an external loading resistor between the pin and GND that has to be sufficiently small (compared to the in-
ternal pull-up resistor) so that the pin voltage be pulled below 0.8V (logical “zero”). In order to avoid loading effects
when the pin serves as output, the value of the external pull-down resistor should however be kept as large as
possible. In general, it is recommended to use an external resistor of around 10k
Ω (see Application Diagram).
Note: when the output is used to drive a load presenting an small resistance between the output pin and VDD, this
resistance is in essence connected in parallel to the internal pull-up resistor. In such a case, the external pull-down
resistor may have to be dimensioned smaller to guarantee that the pin voltage will be low enough to achieve the
desired logical “zero”. This is particularly true when driving 74FXX TTL components.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com