Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL650-01 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL650-01
Description  Low EMI Network LAN Clock
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-01 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL650-01 Datasheet HTML 1Page - PhaseLink Corporation PLL650-01 Datasheet HTML 2Page - PhaseLink Corporation PLL650-01 Datasheet HTML 3Page - PhaseLink Corporation PLL650-01 Datasheet HTML 4Page - PhaseLink Corporation PLL650-01 Datasheet HTML 5Page - PhaseLink Corporation PLL650-01 Datasheet HTML 6Page - PhaseLink Corporation PLL650-01 Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLL650-01
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Full CMOS output swing with 25 mA output drive
capability at TTL levels.
• Advanced, low power, sub-micron CMOS
process.
• 25.0MHz fundamental crystal or reference clock
signal.
• Six output clocks with selectable frequencies.
• SDRAM frequencies of 67,83,100, and 133MHz.
• Spread Spectrum Technology selectable for EMI
Reduction from
±0.25% to ±0.5% center.
• Buffered crystal reference output.
• Ideal for Network switches.
• 3.3V operation.
• Available in 150mil 20-Pin SSOP.
DESCRIPTION
The PLL650-01 is a low cost, low jitter, high
performance clock synthesizer. With PhaseLink’s
proprietary analog Phase Locked Loop techniques,
the chip accepts 25.0MHz from a crystal or a refer-
ence clock, and produces multiple outputs clocks for
network chips, PCI devices, SDRAM, and ASICs.
PIN CONFIGURATION
Note: ^: 100k
Ω internal pull-up. *: Bi-directional pin. The value of
CS1 is latched upon power-up. When no external pull-down re-
sistor is connected to the pin, the internal pull-up results in a
default high value for CS1. An external 10k
Ω pull-down resis-
tor is recommended to set CS1 to low.
BLOCK DIAGRAM
XTAL
OSC
CLKA1
REFOUT
OE
XIN
XOUT
CLKA2
CLKB1
CLKB2
CLKC1
CLKC2
Control
Logic
FS (0:4)
CS (0:1)
1
2
3
4
5
6
7
8
9
10
14
15
16
17
18
19
20
13
12
11
FS0
XOUT
XIN
VDD
FS1
GND
CLKC1
CLKC2
CLKB2
CLKB1
FS3
FS2
REF/CS1*^
CLKA1
VDD
OE^
GND
CLKA2
FS4
CS0


Similar Part No. - PLL650-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
logo
List of Unclassifed Man...
PLL650-02XC ETC1-PLL650-02XC Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-02XC PLL-PLL650-02XC Datasheet
228Kb / 6P
Low EMI Network LAN Clock
PLL650-02XC-R PLL-PLL650-02XC-R Datasheet
228Kb / 6P
Low EMI Network LAN Clock
More results

Similar Description - PLL650-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
Low EMI Clock Generator
Revision 091205
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-03 PLL-PLL650-03 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-05 PLL-PLL650-05 Datasheet
231Kb / 6P
Low EMI Network LAN Clock
PLL650-06 PLL-PLL650-06 Datasheet
228Kb / 5P
Network LAN Clock
PLL650-07 PLL-PLL650-07 Datasheet
210Kb / 4P
LOW COST Network LAN Clock SOURCE
PLL650-08 PLL-PLL650-08 Datasheet
312Kb / 5P
Network LAN Clock Source
PLL650-10 PLL-PLL650-10 Datasheet
321Kb / 5P
Network LAN Clock for Gigabit Ethernet
PLL650-09 PLL-PLL650-09 Datasheet
332Kb / 5P
Low Cost Network LAN Clock
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
Low EMI Network LAN Clock
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com