Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL701-0XSCR Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL701-0XSCR
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-0XSCR Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL701-0XSCR Datasheet HTML 1Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 2Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 3Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 4Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLL701-01/02/04/06
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com
Rev 08/12/04 Page 2
BLOCK DIAGRAM
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN/FIN
1
I
Crystal input to be connected to fundamental parallel mode crystal.(CL=18pF) or
clock input.
XOUT/SD
2
B
At power-up, this pin is an input pin to select modulation type. After input
sampling, this pin is crystal output. Has internal pull up resistor.
SC0
3
I
Digital control input to select modulation magnitude. Has internal pull-up.
SC1
4
I
Digital control input to select modulation magnitude. Has internal pull-up.
GND
5
P
Ground.
FOUT
6
O
Modulated Clock Frequency Output. The frequency before modulation is
synthesized by multiplying the input frequency by 1X, 2X, 4X, 6X depending on
the part number (PLL701-01, -02, -04, -06).
SC2
7
I
Digital control input to select modulation magnitude. Has internal pull-up.
VDD
8
P
Power Supply.
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and modulation magnitudes
The PLL701-01/02/04/06 provides selectable spread spectrum modulation type, as well as selectable modulation
magnitude. Selection is made by connecting specific pins to a logical “zero” or “one” according to the output clock
selection table on page 1.
In order to reduce the number of pins on the chip, the PLL701-01/02/04/06 uses pin 2 (XOUT/SD) as a bi-
directional pin. The pin serves as modulation type selector input (SD) upon power-up (see output clock selection
table on page 1), and as XOUT crystal connection as soon as the input has been latched.
Pins 3 (SC0), 4 (SC1), and 7 (SC2) are used as inputs to select the spread spectrum modulation magnitude as
shown on the output clock selection table (page 1).
XTAL
OSC
FOUT
XIN/FIN
XOUT
SC(0:2)
PLL
SST
Control
Logic



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com