Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL701-0XSCR Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL701-0XSCR
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-0XSCR Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL701-0XSCR Datasheet HTML 1Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 2Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 3Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 4Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PLL701-01/02/04/06
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com Rev 08/30/05 Page 1
FEATURES
• Spread Spectrum Clock Generator with selectable
multiplier from 1x to 6x outputs.
• Output frequency ranges: 10MHz to 180MHz.
• Accepts input from crystal or reference clock.
• Selectable Center, Down or Asymmetric Spread
Modulation.
• Selectable Modulation rate.
• TTL/CMOS compatible outputs.
• 3.3V Operating Voltage.
• Low short term jitter.
• Available in 8-Pin 150mil SOIC.
DESCRIPTION
The PLL701-01/02/04/06 are Spread Spectrum Clock
Generators designed for the purpose of reducing EMI
in high-speed digital systems. Any output frequency
from 10 to 180MHz can be selected by programming
6 multiplier modes. The device is designed to operate
from a crystal or reference clock input and provides
1x to 6x modulated clock outputs.
PIN CONFIGURATION
Note:
^: Internal pull-up resistor (120k
Ω for SD, 30 kΩ for
SC0-SC2).
*: The value of SD is latched upon power-up. The
internal pull-up resistor results in a default high value
when no pull-down resistor is connected to this pin
(recommended external pull-down resistor of 27 k
Ω).
OUTPUT CLOCK (FOUT) SELECTION
SST Modulation
SD
SC2
SC1
SC0
FOUT
(-01)
FOUT
(-02)
FOUT
(-04)
FOUT
(-06)
Magnitude
Freq.
Type
1
0
0
0
X1
X2
X4
X6
0.50%
C
±0.25%
1
0
0
1
X1
X2
X4
X6
C
±0.5%
0
0
0
1
X1
X2
X4
X6
1.00%
D
-1.0%
1
0
1
0
X1
X2
X4
X6
C
±0.75%
0
0
1
0
X1
X2
X4
X6
1.50%
A
+0.25% ~ -1.25%
1
0
1
1
X1
X2
X4
X6
C
±1.0%
0
0
1
1
X1
X2
X4
X6
2.00%
A
+0.5% ~ -1.5%
1
1
0
0
X1
X2
X4
X6
C
±1.25%
0
1
0
0
X1
X2
X4
X6
2.50%
A
+0.75% ~ -1.75%
1
1
0
1
X1
X2
X4
X6
C
±1.5%
0
1
0
1
X1
X2
X4
X6
3.00%
A
+1.0% ~ -2.0%
1
1
1
0
X1
X2
X4
X6
C
±1.75%
0
1
1
0
X1
X2
X4
X6
3.50%
A
+1.25% ~ -2.25%
1
1
1
1
X1
X2
X4
X6
OFF
Fin / 512
Notes: C: Center Spread. A: Asymmetric Spread. D: Down Spread.
1
2
3
45
6
7
8
XIN/FIN
XOUT/SD*^
SC0^
SC1^
VDD
FOUT
GND
SC2^
XIN/FIN = 10 ~ 30 MHz


Similar Part No. - PLL701-0XSCR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05SC PLL-PLL701-05SC Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05SI PLL-PLL701-05SI Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05SM PLL-PLL701-05SM Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-0XSCR

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0101 ABRACON-ABE0101 Datasheet
216Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com