Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL701-0XSCR Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL701-0XSCR
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-0XSCR Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL701-0XSCR Datasheet HTML 1Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 2Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 3Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 4Page - PhaseLink Corporation PLL701-0XSCR Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL701-01/02/04/06
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991 www.phaselink.com
Rev 08/12/04 Page 3
Connecting a selection pin to a logical “one”
All selection pins have an internal pull-up resistor (30k
Ω for pins 3, 4, 7, and 120kΩ for pin 2). This internal pull-up
resistor will pull the input value to a logical “one” (pull-up) by default, i.e. when no resistive load is connected
between the pin and GND. No external pull-up resistor is therefore required for connecting a logical “one” upon
power-up.
Connecting a selection pin to a logical “zero”
For an input only pin, i.e. pins 3 (SC0), 4 (SC1), and 7 (SC2), the pin simply needs to be grounded to pull the input
down to a logical “zero”. Connecting the bi-directional pin (SD) to a logical “zero” will however require the use of a
27k
Ω loading resistor between the pin and GND.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Timing Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Rise Time
Tr
Measured at 0.8V ~ 2.0V @ 3.3V
0.8
0.95
1.1
ns
Fall Time
Tf
Measured at 2.0V ~ 0.8V @ 3.3V
0.78
0.85
0.9
ns
Output Duty Cycle
DT
45
50
55
%
Cycle to Cycle Jitter
Tcyc-cyc
FOUT=48MHz @ 3.3V
100
ps
Cycle to Cycle Jitter
Tcyc-cyc
FOUT=72MHz @ 3.3V
100
ps



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com