Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-KP-R2-V1 Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # IC-KP-R2-V1
Description  Control interface unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IC-KP-R2-V1 Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  IC-KP-R2-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IC-KP-R2-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IC-KP-R2-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connection
+
A
-
+
-
B
1
2
3
4
5
1 = + 24 V
2 = NC
3 = GND
4 = NC
1 = NC
2 = RxD
3 = GND
4 = TxD
1
5
3
2
4
1
3
4
2
1
3
2
4
signal
socket at housing
read/write head
trigger sensor
trigger switch
serial
Protection earth
voltage supply
Assembly
IC-KP-R2-V1
Part No.
1
PWR/
ERR
UL
2
3
4
ESC
TxD
RxD
Serial
Accessories
V1S-G-0,15M-PUR-ABG-
SUBD
Adapter M12 on Sub-D for PC connection with null modem cable
V1-G-2M-PUR-ABG-V1-W Connecting cable, M12 to M12, PUR cable 4-pin, shielded
V1-G-5M-PUR-ABG-V1-W Connecting cable, M12 to M12, PUR cable 4-pin, shielded
V1-G-10M-PUR-ABG-
V1-W
Connecting cable, M12 to M12, PUR cable 4-pin, shielded
V1-G-5M-PUR
Female cordset, M12, 4-pin, PUR cable
V1S-G-5M-PUR-ABG-
SUBD9
Adapter, M12 x 1, to sub-D, 9-pin
Control interface unit
IC-KP-R2-V1
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com