Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-KP-R2-V1 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # IC-KP-R2-V1
Description  Control interface unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IC-KP-R2-V1 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  IC-KP-R2-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IC-KP-R2-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IC-KP-R2-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Control interface unit
IC-KP-R2-V1
< Max. 4 read/write heads connectable
< Alternative 2 read/write heads and 2 trigger sensors can be
connected
< LC display with background lightning
< Direct operation via 4 keys
< LED status indicator of bus communication and read/write heads
Control interface unit IDENTControl with serial interface RS-232
Function
The innovative concept of the RFID identification system IDENTControl from Pepperl+ Fuchs has many advantages in comparison to other
systems. The core piece of the system is the evaluation unit IDENTControl.
Thanks to the integrated interfaces for all standard field bus systems such as PROFIBUS, EtherNet, PROFINET IO, DeviceNet, serial connections
(RS 232/RS 485/RS 422) and numerous connection options for inductive write/read heads as well as microwave antennas, the evaluation unit
IDENTControl can be adjusted to your needs in a flexible and easy manner.
LEDs indicate operating power and bus communication, connected write/read heads and active write/read commands.
Mounting the unit onto DIN mounting rails is easy thanks to the snap-fits on the back of the housing of the evaluation unit IDENTControl .
With its L-shaped housing, the evaluation unit including bus connector fits into a 120 mm grid in the switch cabinet. The mounting depth of 70 mm
furthermore enables installation in flat switch boxes with a depth of only 100 mm.
There are 3 further mounting holes for field mounting.
Dimensions
Connection area
Protection earth
148
66
6
67
6.5
1
2
3
4
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Similar Part No. - IC-KP-R2-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
Control interface unit
IC-KP-B6-2V15B PF-IC-KP-B6-2V15B Datasheet
868Kb / 3P
Control interface unit
IC-KP-B6-SUBD PF-IC-KP-B6-SUBD Datasheet
978Kb / 3P
Control interface unit
IC-KP-B6-V15B PF-IC-KP-B6-V15B Datasheet
808Kb / 3P
Control interface unit
IC-KP-B7-V95 PF-IC-KP-B7-V95 Datasheet
857Kb / 3P
Control interface unit
More results

Similar Description - IC-KP-R2-V1

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IC-KP2-1HB6-2V15B PF-IC-KP2-1HB6-2V15B Datasheet
746Kb / 4P
Control interface unit
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
Control interface unit
IC-KP2-1HB17-2V1D PF-IC-KP2-1HB17-2V1D Datasheet
631Kb / 4P
Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
Control interface unit
IC-KP2-2HB6-V15B PF-IC-KP2-2HB6-V15B Datasheet
776Kb / 4P
Control interface unit
IC-KP2-2HB17-2V1D PF-IC-KP2-2HB17-2V1D Datasheet
636Kb / 4P
Control interface unit
IC-KP2-2HB18-2V1 PF-IC-KP2-2HB18-2V1 Datasheet
747Kb / 4P
Control interface unit
IC-KP-B6-SUBD PF-IC-KP-B6-SUBD Datasheet
978Kb / 3P
Control interface unit
IC-KP-B6-V15B PF-IC-KP-B6-V15B Datasheet
808Kb / 3P
Control interface unit
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
Control interface unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com