Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-KP-R2-V1 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # IC-KP-R2-V1
Description  Control interface unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

IC-KP-R2-V1 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  IC-KP-R2-V1 Datasheet HTML 1Page - Pepperl+Fuchs Inc. IC-KP-R2-V1 Datasheet HTML 2Page - Pepperl+Fuchs Inc. IC-KP-R2-V1 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data
General specifications
Number of read/write heads
max. 4
alternative 2 read/write heads and 2 trigger sensors
UL File Number
E87056
Functional safety related parameters
MTTFd
190 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
LEDs 1, 2, 3, 4
Status indicator for read/write heads
green: command at read/write head active
yellow: approx. 1 second long, if command was successfully executed
LED PWR/ERR
green: power on
red: Hardware fault
LED UL
green: Interface Power ON/OK
LED TxD
green: flashes in rhythm with the transmitted data
LED RxD
green: flashes in rhythm of receiving data
LC display
two-line multi-function display with 12 characters per line
configuration of the control interface and display of connected read/write heads as
additional pictograms; easy and direct selection of operating commands
Button
4 keys: ESC, up, down and return
Electrical specifications
Rated operating voltage
Ue
20 ... 30 V DC , PELV
Ripple
≤ 10 % at 30 V DC
Current consumption
≤ 2 A incl. read/write heads
Power consumption
P0
2.5 W Without read/write heads
Galvanic isolation
basic insulation acc. to DIN EN 50178, rated insulation voltage of 50 Veff
Interface
Physical
RS 232
Protocol
ASCII
Transfer rate
1200; 2400; 4800; 9600; 19200; 38400 Bit/s
Directive conformity
Electromagnetic compatibility
Directive 2014/30/EU
EN 61326-1
RoHS
Directive 2011/65/EU (RoHS)
EN 50581
Standard conformity
Degree of protection
IEC 60529
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Storage temperature
-30 ... 80 °C (-22 ... 176 °F)
Climatic conditions
air humidity max. 96 %
Salt spray resistant to EN 60068-2-52
Shock and impact resistance
Oscillation (Sine): 5 g, 10 - 1000 Hz to EN 60068-2-6
Shock (Half-sine): 30 g, 11 ms in accordance with EN 60068-2-27
Mechanical specifications
Degree of protection
IP67
Connection
Read/write heads: shielded, 4-pin, M12 connector
Power supply: M12 connector
Protective earth: M6 earthing screw
RS 232: M12 plug connection
Material
Housing
powder coated aluminum
Installation
snap-on to 35 mm standard rail or screw fixing
Mass
approx. 1000 g
Control interface unit
IC-KP-R2-V1
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com