Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRTBEKLP42.32 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # KRTBEKLP42.32
Description  Indoor Video Walls
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBEKLP42.32 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button KRTBEKLP42.32 Datasheet HTML 16Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 17Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 18Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 19Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 20Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 21Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 22Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 23Page - OSRAM GmbH KRTBEKLP42.32 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
2019-03-21
20
KRTB EKLP42.32
Lötbedingungen
Vorbehandlung nach JEDEC Level 3
Soldering Conditions
Preconditioning acc. to JEDEC Level 3
Reflow Lötprofil für bleifreies Löten
(nach J-STD-020D.01)
Reflow Soldering Profile for lead free soldering
(acc. to J-STD-020D.01)
Profile Feature
Pb-Free (SnAgCu) Assembly
Recommendation
Max. Ratings
Ramp-up Rate to Preheat*)
25°C to 150°C
2°C / sec
3°C / sec
Time ts from TSmin to TSmax
(150°C to 200°C
100s
min. 60sec max. 120sec
Ramp-up Rate to Peak*)
TSmax to TP
2°C / sec
3°C / sec
Liquidus Temperture TL
217°C
Time tL above TL
80sec
max. 100sec
Peak Temperature TP
245°C
max. 260°C
Time tP within 5°C of the specified peak
temperature TP - 5K
20sec
min. 10sec max. 30sec
Ramp-down Rate*
TP to 100°C
3°K / sec
6°K / sec maximum
Time 25°C to Peak temperature
max. 8 min.
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com