Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9268 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9268
Description  Windows XP-, Windows Vista-, and Windows 7-Compatible Software
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9268 Datasheet HTML 1Page - Maxim Integrated Products MAX9268 Datasheet HTML 2Page - Maxim Integrated Products MAX9268 Datasheet HTML 3Page - Maxim Integrated Products MAX9268 Datasheet HTML 4Page - Maxim Integrated Products MAX9268 Datasheet HTML 5Page - Maxim Integrated Products MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MAX9268 Evaluation Kit
2 ______________________________________________________________________________________
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
C210, C211
2
220FF Q20%, 6.3V low-ESR
tantalum capacitors (C case)
AVX TPSC227M006R0070
C212, C213
0
Not installed, capacitors
(C case)
C214, C215
2
10FF Q20%, 6.3V X5R ceramic
capacitors (0805)
TDK C2012X5R0J106M
C250
1
100pF Q5%, 50V C0G ceramic
capacitor (0603)
TDK C1608C0G1H101J
C251–C254
4
1FF Q10%, 6.3V X5R ceramic
capacitors (0603)
TDK C1608X5R0J105K
C255
0
Not installed, capacitor (0805)
C256
1
10FF Q10%, 6.3V X5R ceramic
capacitor (0805)
Murata GRM21BR60J106K
H1
1
10-pin header (2 x 5)
H20
1
8-pin header
J1
1
High-speed automotive
connector
Rosenberger D4S20F-40MA5-Z
J10
1
USB type-B, right-angle female
receptacle
J201–J204
4
Phono jacks
J206
1
3.5mm stereo headphone jack
JU1–JU6, JU9,
JU11, JU121,
JU151, JU152,
JU252, JU253,
JU254, JU206,
JU290–JU293,
SW1
20
3-pin headers
JU7, JU8
2
4-pin headers
JU10, JU21,
JU22, JU23,
JU153, JU154,
JU191–JU194,
JU202–JU205,
JUCNTL0,
JUCNTL1,
JUCNTL2
17
2-pin headers
DESIGNATION
QTY
DESCRIPTION
JU101–JU108,
JU141–JU144,
JU255, JU256,
JU294
0
Not installed, 2-pin headers—
shorted with PCB trace
JU201
1
6-pin header (2 x 3)
JU251
1
5-pin header
L21, L22, L23,
L101
4
Ferrite beads (0603)
TDK MMZ1608R301A
L251–L255
5
100ω, 3A ferrite beads (0603)
TDK MPZ1608S101A
LED1, LED3,
LED4, LED120,
LED151–
LED158
12
Red LEDs (0805)
LED2
1
Green LED (0805)
Q1–Q5
5
n-channel MOSFETs (SOT23
Central Semi 2N7002
R1, R2
2
49.9kω Q1% resistors (0603)
R3–R8
6
2.2kω Q5% resistors (0603)
R11–R15,
R123,
R151–R158,
R201, R202
16
1kω Q5% resistors (0603)
R101, R102
2
27ω Q5% resistors (0603)
R103
1
1.5kω Q5% resistor (0603)
R104
1
470ω Q5% resistor (0603)
R111, R112
0
Not installed, resistors (0603)
R121
1
1.1kω Q5% resistor (0603)
R122
1
10kω Q5% resistor (0603)
R191, R192
2
4.7kω Q5% resistors (0603)
R251
1
49.9ω Q1% resistor (0603)
RT100–RT104
0
Not installed, 100
W Q5%
resistors (0402)
SW122,
SW150–SW157
9
Momentary pushbutton switches
(6mm)
U1
1
Gigabit multimedia serial link,
LVDS outputs (48 TQFP-EP*)
Maxim MAX9268GCM/V+
U2
1
3.3V, 500mA LDO regulator
(8 FMAXM-EP*)
Maxim MAX1792EUA33+
(Top Mark: AAAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com