Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9268 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9268
Description  Windows XP-, Windows Vista-, and Windows 7-Compatible Software
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9268 Datasheet HTML 1Page - Maxim Integrated Products MAX9268 Datasheet HTML 2Page - Maxim Integrated Products MAX9268 Datasheet HTML 3Page - Maxim Integrated Products MAX9268 Datasheet HTML 4Page - Maxim Integrated Products MAX9268 Datasheet HTML 5Page - Maxim Integrated Products MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MAX9268 Evaluation Kit
_______________________________________________________________________________________ 3
Note: Indicate that you are using the MAX9268 when contacting these component suppliers.
Component Suppliers
Component List (continued)
*EP = Exposed pad.
µMAX and DirectDrive are registered trademarks of Maxim
Integrated Products, Inc.
SUPPLIER
PHONE
WEBSITE
AVX Corporation
843-946-0238
www.avxcorp.com
Central Semiconductor Corp.
631-435-1110
www.centralsemi.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
Hong Kong X’tals Ltd.
852-35112388
www.hongkongcrystal.com
MD Elektronik GmbH
011-49-86-38-604-0
www.md-elektronik-gmbh.de
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Rosenberger Hochfrequenztechnik GmbH
011-49-86 84-18-0
www.rosenberger.de
TDK Corp.
847-803-6100
www.component.tdk.com
DESIGNATION
QTY
DESCRIPTION
U10
1
UART-to-USB converter
(32 TQFP)
U11
0
Not installed, 93C46-type 3-wire
EEPROM 16-bit architecture
(8 SO)
U12
1
Ultra-high-speed microcontroller
(44 TQFP)
Maxim DS89C450-ENL+
U13
1
Three-state quad buffer (14 SO)
Fairchild 74AC125SC
U14
1
Level translator (14 TSSOP)
Maxim MAX3378EEUD+
U15
1
I2C I/O expander (24 QSOP)
Maxim MAX7324AEG+
U19
1
Dual bidirectional level translator
(8 SOT23)
Maxim MAX3373EEKA+
(Top Mark: AAKS)
U20
1
Stereo audio DAC with
DirectDriveM headphone
amplifier (28 TQFN-EP*)
Maxim MAX9850ETI+
DESIGNATION
QTY
DESCRIPTION
U25
1
1.3W filterless, stereo Class D
audio power amplifier
(24 TQFN-EP*)
Maxim MAX9701ETG+
U29
0
Not installed, multiple-output
clock generator with dual PLLs
and OTP (20 TQFN-EP*)
Maxim MAX9471ETP4X+
Y10
1
6MHz crystal (HCM49)
Hong Kong X’tals
SSL60000N1HK188F0-0
Y12
1
14.7456MHz crystal (HCM49)
Hong Kong X’tals
SSM14745N1HK188F0-0
—
1
USB high-speed A-to-B cable,
6ft
—
1
Cable assembly (2m)
MD Electronik PT1482
—
37
Shunts
—
1
PCB: MAX9268 EVALUATION
KIT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com