Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9268 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9268
Description  Windows XP-, Windows Vista-, and Windows 7-Compatible Software
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9268 Datasheet HTML 1Page - Maxim Integrated Products MAX9268 Datasheet HTML 2Page - Maxim Integrated Products MAX9268 Datasheet HTML 3Page - Maxim Integrated Products MAX9268 Datasheet HTML 4Page - Maxim Integrated Products MAX9268 Datasheet HTML 5Page - Maxim Integrated Products MAX9268 Datasheet HTML 6Page - Maxim Integrated Products MAX9268 Datasheet HTML 7Page - Maxim Integrated Products MAX9268 Datasheet HTML 8Page - Maxim Integrated Products MAX9268 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX9268 Evaluation Kit
19-5263; Rev 0; 5/10
General Description
The MAX9268 evaluation kit (EV kit) provides a proven
design to evaluate the MAX9268 gigabit multimedia
serial link (GMSL) with spread spectrum and full-duplex
control channel. The EV kit also includes Windows XP®-,
Windows Vista®-, and Windows® 7-compatible software
that provides a simple graphical user interface (GUI) for
exercising the features of the MAX9268.
The MAX9268 EV kit comes with a MAX9268GCM/V+
installed.
For complete GMSL evaluation, order both the MAX9268
EV kit and its companion board, the MAX9249 EV kit or
the MAX9259 EV kit.
Features
S
Drives LVDS Video and I2S Audio
S
On-Board I2S Audio DAC (MAX9850)
S
On-Board Class D Audio Power Amplifier
(MAX9701)
S
Windows XP-, Windows Vista-, and Windows
7-Compatible Software
S
USB-PC Connection (Cable Included)
S
USB Powered
S
Proven PCB Layout
S
Fully Assembled and Tested
Ordering Information
+Denotes lead(Pb)-free and RoHS compliant.
Component List
Windows is a registered trademark of Microsoft Corp.
Note: The MAX9268 EV kit should be ordered with its com-
panion board, the MAX9249 EV kit or the MAX9259 EV kit.
PART
TYPE
MAX9268EVKIT+
EV Kit
DESIGNATION
QTY
DESCRIPTION
C1–C7
7
0.01FF Q10%, 25V X7R ceramic
capacitors (0402)
Murata GRM155R71E103K
C8–C14,
C101–C105,
C121, C131,
C141, C151,
C257, C258,
C259,
C291–C294
23
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
Murata GRM188R71C104K
C19, C20
2
0.22FF Q10%, 50V X7R ceramic
capacitors (0805)
Murata GRM21BR71H224K
C21
1
4.7FF Q20%, 25V X7R ceramic
capacitor (1206)
Murata GCM31CR71E475M
C22, C24, C25,
C26, C109
5
10FF Q20%, 16V X5R ceramic
capacitors (1206)
Murata GRM31CR61C106M
C23
0
Not installed, capacitor (1206)
DESIGNATION
QTY
DESCRIPTION
C106, C107,
C122, C123
4
22pF Q5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H220J
C108
1
1FF Q10%, 16V X5R ceramic
capacitor (0603)
TDK C1608X5R1C105K
C110
1
0.033FF Q10%, 25V X7R
ceramic capacitor (0603)
Murata GRM188R71E333K
C111
0
Not installed, capacitor (0603)
C200,
C203–C209,
C216, C217
10
1FF Q10%, 6.3V X5R ceramic
capacitors (0402)
Murata GRM155R60J105K
C201
1
2.2FF Q20%, 6.3V X5R ceramic
capacitor (0603)
TDK C1608X5R0J225M
C202
1
0.47FF Q20%, 16V X7R ceramic
capacitor (0603)
TDK C1608X7R1C474M


Similar Part No. - MAX9268

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9268 MAXIM-MAX9268 Datasheet
2Mb / 35P
Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Rev 2; 1/11
MAX9268GCM/V+ MAXIM-MAX9268GCM/V+ Datasheet
2Mb / 35P
Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Rev 2; 1/11
MAX9268GCM/V+T MAXIM-MAX9268GCM/V+T Datasheet
2Mb / 35P
Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
Rev 2; 1/11
More results

Similar Description - MAX9268

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5XX-PROG-EVB SILABS-SI5XX-PROG-EVB Datasheet
1Mb / 20P
Windows-compatible software control and device programming
logo
Zilog, Inc.
Z51F3221 ZILOG-Z51F3221 Datasheet
1Mb / 55P
Microsoft Windows XP
logo
Maxim Integrated Produc...
DS28E50EVKIT MAXIM-DS28E50EVKIT Datasheet
3Mb / 15P
Software Runs on Windows 10 and Windows 7
Rev 2; 2/19
MAX1231B MAXIM-MAX1231B Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX5661EVCMAXQU MAXIM-MAX5661EVCMAXQU Datasheet
306Kb / 13P
Windows 98SE/2000/XP-Compatible Evaluation Software
Rev 0; 3/09
MAX9249EVKIT MAXIM-MAX9249EVKIT Datasheet
5Mb / 38P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 3/10
MAX14578EVKIT MAXIM-MAX14578EVKIT Datasheet
2Mb / 17P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 0; 4/11
MAX11665EVKIT MAXIM-MAX11665EVKIT Datasheet
3Mb / 39P
Windows XP, Windows Vista, and Windows 7-Compatible Software
Rev 0; 6/11
MAX7311EVKIT MAXIM-MAX7311EVKIT Datasheet
1Mb / 11P
Windows 2000/XP/Vista (32-Bit)-Compatible Evaluation Software
2020
MAX6956EVKIT MAXIM-MAX6956EVKIT Datasheet
830Kb / 16P
Windows 2000/XP-, Windows Vista (32-Bit)- and Windows 10** Compatible Software
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com