Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6366 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU6366
Description  Small Sized Quartz Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6366 Datasheet(HTML) 2 Page - New Japan Radio

  NJU6366 Datasheet HTML 1Page - New Japan Radio NJU6366 Datasheet HTML 2Page - New Japan Radio NJU6366 Datasheet HTML 3Page - New Japan Radio NJU6366 Datasheet HTML 4Page - New Japan Radio NJU6366 Datasheet HTML 5Page - New Japan Radio NJU6366 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2002/11/29 ( 2 / 6 )
NJU6366 Series
sTREMINAL DESCRIPTION
SYMBOL
FUNCTION
CONT
Oscillation and 3-state Output Buffer Control
CONT
FOUT
H or OPEN
Output either one frequency selected of f0,
f0/2,f0/4 and f0/8
Note1)
L
Oscillation Stop and High impedance Output
XT
XT
Quartz Crystal Connecting Terminals
VSS
VSS=0V
FOUT
Frequency Output
VDD
VDD=2.5V/3.0V/5.0V
Note1)
Refer to the line-up table.
sABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.5~+7.0
V
Input Voltage
VIN
VSS-0.5~VDD+0.5
V
Output Voltage
VO
-0.5~VDD+0.5
V
Input Current
IIN
±10
mA
Output Current
IO
±25
mA
Power Dissipation
Note4)
PD
200(MTP-6)
mW
Operating Temperature Range
Topr
-40~+85
°C
Storage Temperature Range
Tstg
-55~+125
°C
Note2)
If the supply voltage(VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V is
limit specified.
Note3)
Decupling capacitor should be connected between VDD and VSS due to the stabilized operation for the
circuit.
Note4)
The power dissipation is the maximum value at only the package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com