Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6366 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJU6366
Description  Small Sized Quartz Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6366 Datasheet(HTML) 1 Page - New Japan Radio

  NJU6366 Datasheet HTML 1Page - New Japan Radio NJU6366 Datasheet HTML 2Page - New Japan Radio NJU6366 Datasheet HTML 3Page - New Japan Radio NJU6366 Datasheet HTML 4Page - New Japan Radio NJU6366 Datasheet HTML 5Page - New Japan Radio NJU6366 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2002/01/17 ( 1 / 6 )
NJU6366 Series
Small Sized Quartz Crystal Oscillator
sGENERAL DESCRIPTION
sPACKAGE OUTLINE
The NJU6366 series is a C-MOS fundamental quartz crystal
oscillator that consists of an oscillation amplifier, 3-stage
divider and 3-state output buffer.
The 3-stage divider generates only one frequency selected
of f0,f0/2,f0/4 and f0/8 by internal circuits is output.
The oscillation amplifier is realized very low stand-by current
using NAND circuit.
The 3-state output buffer is C-MOS compatible
Furthermore, the package is small-sized MTP-6.
sFEATURES
sPAD LOCATION/PIN CONFIGURATION
qOperating Voltage
2.0 to 5.5V
qMaximum Oscillation Frequency
50MHz
qLow Operating Current
qHigh Fan-out
IOH/IOL=4mA @2.5V
q3-Stage Divider
One of f0,f0/2,f0/4 and f0/8
qOscillation Stop and Output Stand-by Function
q3-State Output Buffer
qOscillation Capacitors Cg and Cg on-chip
qPackage Outline
Thin-Chip/MTP-6
qC-MOS Technology
!LINE-UP TABLE
!COORDINATES
Starting Point:Chip Center
Unit[um]
Chip Size:0.67x0.75mm
Thin-Chip Thickness(-C):260
±20um
Pad Size:90x90um
sBLOCK DIAGRAM
Internal Connect
Type No.
FOUT
Connect
Non Connect
Cg/Cd
A
f0
A Line
B,C,D Line
23/23pF
B
f0/2
B Line
A,C,D Line
23/23pF
C
f0/4
C Line
A,B,D Line
23/23pF
NJU6366
D
f0/8
D Line
A,B,C Line
23/23pF
Pad Name
X
Y
FOUT
-207
247
VSS
-207
-247
XT
33
-247
CONT
207
-247
VDD
207
-17
XT
207
172
XT
1/2
A
BC
D
1/2
1/2
XT
CONT
Cg
Cd
3-STATE
BUFFER
VDD
VSS
FOUT
Rf
NJU6366XC-C
NJU6366XF1
Thin-Chip
CONT
XT
VSS
FOUT
XT
VDD
FOUT
VSS
XT
VDD
XT
CONT
1
2
3
6
5
4
MTP-6


Similar Part No. - NJU6366

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU6366 NISSHINBO-NJU6366 Datasheet
77Kb / 6P
Small Sized Quartz Crystal Oscillator
2016/08/22
NJU6366XC-C NISSHINBO-NJU6366XC-C Datasheet
77Kb / 6P
Small Sized Quartz Crystal Oscillator
2016/08/22
NJU6366XF1 NISSHINBO-NJU6366XF1 Datasheet
77Kb / 6P
Small Sized Quartz Crystal Oscillator
2016/08/22
More results

Similar Description - NJU6366

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6362A NJRC-NJU6362A Datasheet
149Kb / 4P
QUARTZ CRYSTAL OSCILLATOR?
NJU6393 NJRC-NJU6393 Datasheet
81Kb / 4P
QUARTZ CRYSTAL OSCILLATOR?
NJU6323 NJRC-NJU6323 Datasheet
291Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6391 NJRC-NJU6391 Datasheet
299Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6318 NJRC-NJU6318 Datasheet
235Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6319 NJRC-NJU6319 Datasheet
233Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6322 NJRC-NJU6322 Datasheet
290Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6321 NJRC-NJU6321 Datasheet
279Kb / 5P
QUARTZ CRYSTAL OSCILLATOR
NJU6333 NJRC-NJU6333 Datasheet
310Kb / 4P
QUARTZ CRYSTAL OSCILLATOR
NJU6214 NJRC-NJU6214 Datasheet
137Kb / 7P
Small-Sized 1.8V Operating Voltage Fundamental Quartz Crystal Oscillator IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com