Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU6366 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU6366
Description  Small Sized Quartz Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6366 Datasheet(HTML) 3 Page - New Japan Radio

  NJU6366 Datasheet HTML 1Page - New Japan Radio NJU6366 Datasheet HTML 2Page - New Japan Radio NJU6366 Datasheet HTML 3Page - New Japan Radio NJU6366 Datasheet HTML 4Page - New Japan Radio NJU6366 Datasheet HTML 5Page - New Japan Radio NJU6366 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2002/11/29 ( 3 / 6 )
NJU6366 Series
sELECTRICAL CHARACTERISTICS
(Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
2.0
5.5
V
(VDD=2.5V,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
A version,fosc=16MHz,CL=15pF
5
B version,fosc=16MHz,CL=15pF
4
C version,fosc=16MHz,CL=15pF
3
Operating Current
IDD
D version,fosc=16MHz,CL=15pF
3
mA
Oscillation Stopping
Current
ISTB
CONT =VSS, No load
2
5
uA
Stand-by Current
Ist
CONT =XT=VSS, No load Note5)
1
uA
VIH
2.0
2.5
V
Input Voltage
VIL
0
0.5
V
IOH
VOH=2.2V
4
mA
Output Current
IOL
VOL=0.3V
4
mA
CONT =0.8VDD
7.5
12.0
uA
Input Current
IIN
CONT =0.2VDD
1.2
2.0
uA
3-state Off Leakage
Current
IOZ
CONT =VSS, FOUT= VDD or VSS
±0.1
uA
Feedback Resistance
Rf
227
k
Ω
Internal Capacitor
Cg/Cd
fosc=16MHz
23/23
pF
Maximum Oscillation
Frequency
FMAX
50
MHz
CL=15pF, @VDD/2
45
50
55
Output Signal
Symmetry
SYM
CL=30pF, @VDD/2
45
50
55
%
CL=15pF,10%~90%
3
6
Output Signal Rise
Time
tr
CL=30pF,10%~90%
3
6
ns
CL=15pF,90%~10%
3
6
Output Signal Fall
Time
tf
CL=30pF,90%~10%
3
6
ns
Output Disable time
TPLZ
CL=15pF,RUP=10k
Ω
250
ns
Output Enable Time
TPZL
CL=15pF,RUP=10k
Ω
250
ns
Note5)
Excluding input current on
CONT Terminal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com