Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDN-06D1AX Datasheet(PDF) 21 Page - Bel Fuse Inc.

Part # SLDN-06D1AX
Description  3-14.4 VDC Input / 0.45 VDC 6 A Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-06D1AX Datasheet(HTML) 21 Page - Bel Fuse Inc.

Back Button SLDN-06D1AX Datasheet HTML 17Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 18Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 19Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 20Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 21Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 22Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 23Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 24Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 25Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
SLDN-06D1Ax
21
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. AE.01.19
To provide protection in a fault (output overload) condition, the unit is equipped with internal current-limiting circuitry and can
endure current limiting continuously. At the point of current-limit inception, the unit enters hiccup mode. The unit operates normally
once the output current is brought back into its specified range.
Please see the Digital Feature Descriptions section.
To provide protection in a fault condition, the unit is equipped with a thermal shutdown circuit. The unit will shut down if the
overtemperature threshold of 150oC(typ) is exceeded at the thermal reference point Tref .Once the unit goes into thermal shutdown
it will then wait to cool before attempting to restart.
Please see the Digital Feature Descriptions section.
Please see the Digital Feature Descriptions section.
At input voltages below the input undervoltage lockout limit, the module operation is disabled. The module will begin to operate at
an input voltage above the undervoltage lockout turn-on threshold.
Please see the Digital Feature Descriptions section.
Please see the Digital Feature Descriptions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com