Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDN-06D1AX Datasheet(PDF) 36 Page - Bel Fuse Inc.

Part # SLDN-06D1AX
Description  3-14.4 VDC Input / 0.45 VDC 6 A Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-06D1AX Datasheet(HTML) 36 Page - Bel Fuse Inc.

Back Button SLDN-06D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 33Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 34Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 35Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 36Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 37Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 38Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 39Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 40Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
36
SLDN-06D1Ax
tech.support@psbel.com
STATUS_CML: Returns one byte of information relating to the status of the module’s communication related faults.
BIT POSITION
FLAG
DEFAULT
VALUE
7
Invalid/Unsupported Command
0
6
Invalid/Unsupported Command
0
5
Packet Error Check Failed
0
4
X
0
3
X
0
2
X
0
1
Other Communication Fault
0
0
X
0
MFR_VIN_MIN: Returns minimum input voltage as two data bytes of information in Linear format (upper five bits are exponent –
fixed at -2, and lower 11 bits are mantissa in two’s complement format – fixed at 12).
MFR_VOUT_MIN: Returns minimum output voltage as two data bytes of information in Linear format (upper five bits are exponent
– fixed at -10, and lower 11 bits are mantissa in two’s complement format – fixed at 614).
MFR_SPECIFIC_00: Returns information related to the type of module and revision number. Bits [7:2] in the Low Byte indicate the
module type (000110 corresponds to the SLDN-06D1Ax series of module), while bits [7:3] indicate the revision number of the
module.
Low Byte
BIT POSITION
FLAG
DEFAULT VALUE
7:2
Module Name
000110
1:0
Reserved
10
High Byte
BIT POSITION
FLAG
DEFAULT VALUE
7:3
Module Revision Number
None
2:0
Reserved
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com