Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLDN-06D1AX Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # SLDN-06D1AX
Description  3-14.4 VDC Input / 0.45 VDC 6 A Output
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-06D1AX Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button SLDN-06D1AX Datasheet HTML 4Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 5Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 6Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 7Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 8Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 9Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 10Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 11Page - Bel Fuse Inc. SLDN-06D1AX Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
SLDN-06D1Ax
tech.support@psbel.com
TIME, t (1
s/div)
TIME, t (1
s/div)
Vo=0.6V, Io = Io, max
Vo=1.2V, Io = Io, max
TIME, t (1
s/div)
TIME, t (1
s/div)
Vo=1.8V, Io = Io, max
Vo=2.5V, Io = Io, max
TIME, t (1
s/div)
TIME, t (1
s/div)
Vo=3.3V, Io = Io, max
Vo=5.0V, Io = Io, max
Notes: CO=22
μF ceramic, VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com