Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9496AF Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 35Page - Toshiba Semiconductor TC9496AF Datasheet HTML 36Page - Toshiba Semiconductor TC9496AF Datasheet HTML 37Page - Toshiba Semiconductor TC9496AF Datasheet HTML 38Page - Toshiba Semiconductor TC9496AF Datasheet HTML 39Page - Toshiba Semiconductor TC9496AF Datasheet HTML 40Page - Toshiba Semiconductor TC9496AF Datasheet HTML 41Page - Toshiba Semiconductor TC9496AF Datasheet HTML 42Page - Toshiba Semiconductor TC9496AF Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
TC9496AF
2002-01-11
39
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VDD
-0.3 to 6.0
V
Input voltage
Vin
-0.3 to VDD + 0.3
V
Power dissipation
PD
1500
mW
Operating temperature
Topr
-40 to 75
°C
Storage temperature
Tstg
-55 to 150
°C
Electrical Characteristics
(unless otherwise noted, Ta
==== 25°C, VDD ==== VDX ==== VDDR ==== VDM ==== VDL ==== VDR ==== VDX ==== VDAL ====
VDAR
==== VDAC ==== VDAS ==== VDASR ==== 5.0 V)
DC Characteristics
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Operating power supply voltage
VDD
¾
Ta
= -40 to 75°C
4.75
5.0
5.25
V
340 step mode
8
15
25
Operating frequency range
fopr
¾
511 step mode
12
33.8
37
MHz
Operating power supply current
IDD
¾
fopr = 36.864 MHz,
511-step mode
¾
150
165
mA
Clock pins (XI, XO)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
“H” level
VIH1
VDD
´ 0.7
¾
VDD
+ 0.3
Input voltage (1)
“L” level
VIL1
¾
XI pin
¾
¾
VDD
´ 0.3
V
“H” level
VOH1
IOH = -3.0 mA
VDD
- 0.5
¾
¾
Output voltage (1)
“L” level
VOL1
¾
IOL = 5.0 mA
XO pin
¾
¾
0.5
V
Input Pins
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
“H” level
VIH2
VDD
´ 0.8
¾
¾
Input voltage (2)
“L” level
VIL2
¾
(Note 4)
¾
¾
VDD
´ 0.2
V
“H” level
IIH2
VIN = VDD
¾
¾
10
Input leakage
current
“L” level
IIL2
¾
VIN = 0 V
(Note 4)
(Note 5)
-10
¾
¾
mA
Note 4: STEP0 to 1, RESET , SYNC, ELRO, ELRI, EBCO, EBCI, DIN, EM0 to 1, I2CS, CS , IFCK, IFDI, BOOT,
BA0 to BA1, TST0 to 3 (normally input pins and schmitt input pins)
Note 5: XI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com