Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9496AF Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 17Page - Toshiba Semiconductor TC9496AF Datasheet HTML 18Page - Toshiba Semiconductor TC9496AF Datasheet HTML 19Page - Toshiba Semiconductor TC9496AF Datasheet HTML 20Page - Toshiba Semiconductor TC9496AF Datasheet HTML 21Page - Toshiba Semiconductor TC9496AF Datasheet HTML 22Page - Toshiba Semiconductor TC9496AF Datasheet HTML 23Page - Toshiba Semiconductor TC9496AF Datasheet HTML 24Page - Toshiba Semiconductor TC9496AF Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
TC9496AF
2002-01-11
21
Command-41h (0100 0001): BOOT
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
BTA9
BTA8
BTA7
BTA6
BTA5
BTA4
BTA3
BTA2
BTA1
BTA0
Bit
Name
Description
Value
Operation
D9
to
D0
BTA
[9:0]
Self-boot ROM start address
000h
to
3FEh
Starts self-boot operation from specified address
Command-42h (0100 0010): DAC-LR
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
ATTL
4
ATTL
3
ATTL
2
ATTL
1
ATTL
0
0
0
0
ATTR
4
ATTR
3
ATTR
2
ATTR
1
ATTR
0
Bit
Name
Description
Value
Operation
D12
to
D8
ATTL
[4:0]
DAC L channel attenuator
value
00h
to
1Fh*
Code:
00h
01h
02h ・・・
18h
19h ・・・ 1Fh
ATT (dB):
0
-1
-2
-24 ca.-60
ca.
-60
Initial value:
1Fh
1Fh
D4
to
D0
ATTR
[4:0]
DAC R channel attenuator
value
00h
to
1Fh*
Code:
00h
01h
02h ・・・
18h
19h ・・・ 1Fh
ATT (dB):
0
-1
-2
-24 ca.-60
ca.
-60
Initial value:
1Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com