Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9496AF Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TC9496AF
Description  1 Chip Audio Digital Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9496AF Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TC9496AF Datasheet HTML 15Page - Toshiba Semiconductor TC9496AF Datasheet HTML 16Page - Toshiba Semiconductor TC9496AF Datasheet HTML 17Page - Toshiba Semiconductor TC9496AF Datasheet HTML 18Page - Toshiba Semiconductor TC9496AF Datasheet HTML 19Page - Toshiba Semiconductor TC9496AF Datasheet HTML 20Page - Toshiba Semiconductor TC9496AF Datasheet HTML 21Page - Toshiba Semiconductor TC9496AF Datasheet HTML 22Page - Toshiba Semiconductor TC9496AF Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
TC9496AF
2002-01-11
19
3.
Control Commands
The following table lists the control commands that can be used from the microcontroller.
3.1
Control Commands
Table 1
Control Commands
Command
Code
R/W
Description
RAM Sequential
Transfer Sync/
Async to SYNC Signal
TIMING
40h
Timing
¾
Async
BOOT
41h
Self Boot ROM start address
¾
Async
DAC-LR
42h
DAC output trim level (L, R)
¾
Async
SIO
43h
SIO setting
¾
Async
RUN-MUTE
44h
Program execution, mute
¾
Sync
MSEQ
45h
Sequential RAM
CRAM
46h
CRAM
Sync: RUN/Async: STOP
CRAM-ACMP
47h
CRAM (ACMP mode)
Async
ORAM
48h
ORAM
Sync: RUN/Async: STOP
ORAM-ACMP
49h
ORAM (ACMP mode)
Enable
Async
IFF
4Ah
IFF setting
¾
Sync
MONI-PC
4Bh
Monitor: PC condition
¾
Async
MONI-LC
4Ch
Monitor: LC condition
¾
Async
MISC
4Dh
Others
¾
Async
¾
4Eh
Prohibited
¾
¾
M-RST
4Fh
W
Initialization
¾
Async
MONI-DB
50h
DBUS monitor
¾
Async
MONI-CP
51h
CP monitor
¾
Async
MONI-OFP
52h
OFP monitor
¾
Async
MONI-DP
53h
DP monitor
¾
Async
MONI-AR
54h
AR monitor
¾
Async
MONI-CRP
55h
CRP monitor
¾
Async
MONI-SR
56h
R
SR monitor
¾
Async
DF-ATT
58h
DF attenuator level (all channel)
¾
Async
DAC-S
59h
DAC output trim level (SL, SR-ch)
¾
Async
DAC-C
5Ah
W
DAC output trim level (C-ch)
¾
Async
Note 2: The command which is “Sync” in the transfer Sync with Sync signal needs to set the CS
= H section to a
minimum of 1 fs more until it transmits the follwing command. (It need more than 22.68
ms at fs = 44.1 KHz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com