Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90821 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 13 of 40
REV 004 – 4 MAR 2021
3901090821
Default Characteristics DBA-003
Transfer Curve
Parameter
Symbol
Remarks
Value
Unit
Pressure 1
P1
See Figure 4: Pressure
transfer function
description at room
temperature
-0.06
Bar
Pressure 2
P2
0.26
Bar
Output 1
O1
0.5
V
Output 2
O2
4.5
V
Low clamping level
LCL
0.25
V
High clamping level
HCL
4.75
V
Pressure Accuracy
Parameter
Symbol
Remarks
Min
Typ
Max
Unit
Output accuracy
εo
Overall accuracy
expressed as output
value (FS range from
0.5V to 4.5V)
-60
-1.5
60
1.5
mV
%FS
Pressure accuracy
εp
Overall accuracy
expressed as pressure
value
-4.8
4.8
mBar
Center temperature
accuracy factor
Fc
See Figure 5: Pressure
accuracy temperature
factor
1
Extended temperature
accuracy factor
Fe
1.5
Table 5: DBA-003 Default configuration
Default Characteristics DBA-005
Transfer Curve
Parameter
Symbol
Remarks
Value
Unit
Pressure 1
P1
See Figure 4: Pressure
transfer function
description at room
temperature
-0.05
Bar
Pressure 2
P2
0.05
Bar
Output 1
O1
0.5
V
Output 2
O2
4.5
V
Low clamping level
LCL
0.5
V
High clamping level
HCL
4.5
V
Pressure Accuracy
Parameter
Symbol
Remarks
Min
Typ
Max
Unit
Output accuracy
εo
Overall accuracy
expressed as output
value (FS range from
0.5V to 4.5V)
-100
-2.5
100
2.5
mV
%FS
Pressure accuracy
εp
Overall accuracy
expressed as pressure
value
-2.5
2.5
mBar
Center temperature
accuracy factor
Fc
See Figure 5: Pressure
accuracy temperature
factor
1
Extended temperature
accuracy factor
Fe
1.5
Table 6: DBA-005 Default configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com