Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90821 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90821 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 2 of 40
REV 004 – 4 MAR 2021
3901090821
Functional Diagram
Analog
Output
Piezoresistive
sensing element
Overvoltage &
reverse voltage
protection
Voltage regulator
POR
Gnd
Vsupply
Test
Vbrg
InP
InN
Test
On chip temperature
sensor
OPA
ADC
M
U
X
InP, InN, VEXT
PGA
16 bits
DSP
Rom
Pressure Linearization
Gain & Offset
Temperature
Compensation
Programmable Filter
Vana
Oscillator
EEPROM
Ram
Sensor bias
Off chip temperature
sensor current output
IV conversion
6/7 VDDA
Divided bridge
current
DAC
Gain
12 bits
External NTC
interface
SENT
Output
NTC
Input
Figure 1: Functional block diagram
General Description
The MLX90821 is a packaged, factory calibrated,
relative pressure sensor delivering a ratiometric
analog output or a digital signal using the SENT
protocol.
Using a best in class MEMS sensor enables reliably
and accurately measuring very low pressures of a
few tenths of millibars. An optimized architecture
and a high density CMOS technology imparts the
MLX90821 with best in class automotive EMC
performance. A DSP based architecture using a 16bit
microcontroller provides outstanding performance
in terms of initial accuracy of both pressure and
optionally external NTC temperature.
A smart package and die assembly concept suits
applications with stringent automotive temperature
and stress conditions needing small drift over life.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com