Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90821 Datasheet(PDF) 23 Page - Melexis Microelectronic Systems

Part # MLX90821
Description  Relative Pressure Sensor IC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90821 Datasheet(HTML) 23 Page - Melexis Microelectronic Systems

Back Button MLX90821 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX90821 Datasheet HTML 27Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
MLX90821
Relative Pressure Sensor IC
Page 23 of 40
REV 004 – 4 MAR 2021
3901090821
SENT Configuration
The SENT output is designed to be compliant with the SAE J2716 rev. Apr 2016 SENT standard. The tick time is
configurable in EEPROM using parameter TICK_DIV. The available tick time settings are 3us, 4us, 6us, 10us, 12us
and 16us. A pause pulse can also be enabled to have a fixed frame length of 282 ticks. This can be done using
parameter PAUSE. The default configuration for option code DBA-100 is 3us tick time and pause pulse enabled.
Fast Channel Configuration
On the fast channel, 8 different options are available to configure channel 1 and channel 2. An overview of these
different options and how to configure them can be found in Table 15.
#
FC_CFG
setting
Fast Channel 1
Fast Channel 2
Remark
1
0
Pressure (3x 4 bit)
Inverse of Pressure (3x 4 bit)
2
1
Pressure (3x 4 bit)
Rolling counter (2x 4 bit) and
inverse of MSN of Pressure
(1x 4 bit)
Default for option code DBA-100.
3
2
Pressure (3x 4 bit)
Medium temperature
(3x 4 bit)
Media temperature can either be
NTC or sensing element temperature.
(Tmedium_Select).
4
3
Pressure (3x 4 bit)
Internal temperature
(3x 4 bit)
Internal temperature can either be
PTAT or sensing element
temperature (Tinternal_Select).
5
4
Pressure only (3x 4 bit)
/
6
5
Pressure only (4x 3 bit)
/
7
6
Data indicated by pointer 1
(3x 4 bit)
Data indicated by pointer 2
(3x 4 bit)
In this mode no diagnostics are
available. FC configuration only used
by Melexis.
8
7
Pressure (3x 4 bit)
0 (3x 4 bit)
Table 15: Fast channel configuration options
The selection of the fast channel output mode can be done by changing the parameter ‘FC_CFG’ in the EEPROM.
In case Medium temperature is selected to be available on fast channel 2, the type of media can be defined in
EEPROM using parameter ‘Tmedium_Select’. When selecting 0, linearized NTC temperature will be available.
Selecting 1 enables sensing element temperature. Sensing element temperature is not calibrated by default.
For Internal temperature, also two options are available defined in EEPROM parameter ‘Tinternal_Select’ where
0 corresponds to on chip factory calibrated PTAT temperature and 1 corresponds to sensing element
temperature. The same comment regarding the calibration of the sensing element temperature calibration as
made above applies here.
Slow Channel Configuration
The Slow Serial Channel is implemented according to the Enhanced Serial Message Format using 12 bit data and 8
bit message ID as described in the reference SENT protocol standard SAE J2716 rev. Apr 2016.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com