Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5250708 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS5250708
Description  LVCMOS User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5250708 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS5250708 Datasheet HTML 1Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 2Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 3Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 4Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 5Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 6Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 7Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 8Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LVCMOS User Configurable Clock
MDS 525-07/08 A
3
Revision 101105
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS525-07/08
PRELIMINARY INFORMATION
Pin Assignment (ICS525-08)
Pin Descriptions (ICS525-08)
18
7
17
8
16
9
15
X1/ICLK
10
X2
11
GND
12
CLK
13
V0
14
V1
GND
PD
V8
V2
V7
V5
V3
V6
22
21
20
19
V4
REF
5
6
S2
VDD
VDD
24
23
R0
3
4
S0
S1
R1
26
25
R2
1
2
R5
S3
R3
28
27
R4
Pin
Number
Pin
Name
Pin
Type
Pin Description
1, 24-28
R5, R0-R4
I(PU)
Reference divider word input pins.
2, 3, 4, 5
S0, S1, S2,
S3
I(PU)
Select pins for output divider. See table on page 4.
6, 23
VDD
Power
Connect to VDD.
7
X1/ICLK
X1
Crystal connection. Connect to a parallel resonant fundamental crystal or input clock.
8
X2
X2
Crystal connection. Connect to a crystal or leave unconnected for clock.
9, 20
GND
Power
Connect to ground.
10 - 18
V0 - V8
I(PU)
VCO divider word input pins.
19
PD
Input
Power-down. Active low. Turns off entire chip when low. Clock outputs stop low.
21
CLK
Output
PLL output clock.
22
REF
Output
Reference output. Buffered crystal oscillator (or clock) output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com