Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5250708 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS5250708
Description  LVCMOS User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5250708 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS5250708 Datasheet HTML 1Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 2Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 3Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 4Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 5Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 6Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 7Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 8Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LVCMOS User Configurable Clock
MDS 525-07/08 A
4
Revision 101105
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS525-07/08
PRELIMINARY INFORMATION
Output Frequency and Output Divider Table (ICS525-07)
Output Frequency and Output Divider Table (ICS525-08)
S2
Pin 5
S1
Pin 4
S0
Pin 3
CLK Output
Divider
Output Frequency Range (MHz)
VDD = 2.5 V
VDD = 1.8 V
Min
Max
Min
Max
0
0
0
12
8.3
20.8
8.3
20.8
0
0
1
2
50
125
50
125
0
1
0
16
6.25
15.63
6.25
15.63
0
1
1
4
25
62.5
25
62.5
1
0
0
5
20
50
20
50
1
0
1
7
14.3
35.7
14.3
35.7
1
1
0
1
100
250
100
250
1
1
1
3
33.3
83.33
33.3
83.33
S3
Pin 2
S2
Pin 5
S1
Pin 4
S0
Pin 3
CLK Output
Divider
Output Frequency Range (MHz)
VDD = 2.5 V
VDD = 1.8 V
Min
Max
Min
Max
0
0
0
0
2
23.9
200
23.9
200
0
0
0
1
3
15.9
200
15.9
200
0
0
1
0
4
11.9
200
11.9
200
0
0
1
1
5
9.5
158.4
9.5
158.4
0
1
0
0
7
6.8
113.1
6.8
113.1
01
01
8
6.0
99.0
6.0
99.0
01
10
9
5.3
88.0
5.3
88.0
0
1
1
1
10
4.8
79.2
4.8
79.2
1
0
0
0
11
4.3
72.0
4.3
72.0
1
0
0
1
13
3.7
60.9
3.7
60.9
1
0
1
0
14
3.4
56.6
3.4
56.6
1
0
1
1
15
3.2
52.8
3.2
52.8
1
1
0
0
17
2.8
46.6
2.8
46.6
1
1
0
1
19
2.5
41.7
2.5
41.7
1
1
1
0
48
1.0
16.5
1.0
16.5
1
1
1
1
128
0.4
6.2
0.4
6.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com