Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5250708 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS5250708
Description  LVCMOS User Configurable Clock
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5250708 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS5250708 Datasheet HTML 1Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 2Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 3Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 4Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 5Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 6Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 7Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 8Page - Integrated Circuit Systems ICS5250708 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS525-07/08
MDS 525-07/08 A
1
Revision 101105
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
LVCMOS User Configurable Clock
PRELIMINARY INFORMATION
Description
The ICS525-07/08 are the most flexible way to
generate a high-quality clock output from an
inexpensive crystal or clock input at low supply
voltages. The user can configure the device to produce
nearly any output frequency from any input frequency
by grounding or floating the select pins or by driving or
hard wiring the select pins high or low. Neither
microcontroller, software, nor device programmer are
needed to set the frequency. Using Phase-Locked
Loop (PLL) techniques, the device accepts a standard
fundamental mode, inexpensive crystal to produce
output clocks up to 250 MHz. It can also produce a
highly accurate output clock from a given input clock,
keeping them frequency locked.
For similar capability with a serial interface, use the
ICS307.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew is not defined nor guaranteed.
Features
Packaged as 28-pin SSOP (150 mil body)
Available in Pb (lead) free package
User determines the output frequency by setting all
internal dividers
Eliminates need for custom oscillators
Low voltage operation
Pull-ups on all select inputs
Input crystal frequency of 5 - 27 MHz
Input clock frequency of 2 - 50 MHz
Compensated loop bandwidth
Enhanced low frequency operation (-08 version)
Low jitter
Duty cycle of 45/55 up to 200 MHz
Operating voltage of 1.8 V to 2.5 V
Ideal for oscillator replacement
Available in commercial and industrial temperature
ranges
Block Diagram
VDD
GND
2
2
CLK
REF
Reference
Divider
Phase Comparator,
Charge Pump, and
Loop Filter
VCO
VCO
Divider
Output
Divider
R Configuration Pins
V Configuration Pins
S Configuration Pins
X1/ICLK
X2
Crystal or clock
input
Optional crystal capacitors
Crystal
Oscillator
PD
VDD
GND
2
2
CLK
REF
Reference
Divider
Phase Comparator,
Charge Pump, and
Loop Filter
VCO
VCO
Divider
Output
Divider
R Configuration Pins
V Configuration Pins
S Configuration Pins
X1/ICLK
X2
Crystal or clock
input
Optional crystal capacitors
Crystal
Oscillator
PD


Similar Part No. - ICS5250708

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS525-01 ICST-ICS525-01 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
logo
Integrated Device Techn...
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
Packaged as 28-pin SSOP
logo
Integrated Circuit Syst...
ICS525-01R ICST-ICS525-01R Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS525-01R ICST-ICS525-01R Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
More results

Similar Description - ICS5250708

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
OSCaR??User Configurable Clock
Revision 071100
ICS527-01 ICST-ICS527-01 Datasheet
113Kb / 8P
Clock Slicer??User Configurable Zero Delay Buffer
Revision 020801
ICS525-11 ICST-ICS525-11 Datasheet
181Kb / 9P
User Configurable Clock
Revision 101105
ICS525-04 ICST-ICS525-04 Datasheet
154Kb / 7P
OSCaR-TM User Configurable PECL Clock
Revision 091802
logo
Integrated Device Techn...
ICS527R-01ILF IDT-ICS527R-01ILF Datasheet
116Kb / 11P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
logo
Renesas Technology Corp
525-01 RENESAS-525-01 Datasheet
804Kb / 8P
USER CONFIGURABLE CLOCK
AUGUST 23, 2021
ICS525-04 RENESAS-ICS525-04 Datasheet
239Kb / 9P
OSCAR™ USER CONFIGURABLE PECL CLOCK
051310
ICS527-01 RENESAS-ICS527-01 Datasheet
280Kb / 12P
CLOCK SLICER USER CONFIGURABLE ZERO DELAY BUFFER
051310
ICS527-03 RENESAS-ICS527-03 Datasheet
365Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL OUTPUT ZDB
051310
ICS527-04 RENESAS-ICS527-04 Datasheet
379Kb / 10P
CLOCK SLICER USER CONFIGURABLE PECL INPUT ZDB
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com