Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS307-01
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS307-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-01/02 F
2
Revision 121304
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-01/02
Pin Assignment
Pin Descriptions
12
1
11
2
10
3
9
X1/IC LK
4
NC
5
VD D
6
NC
7
NC
8
GN D
NC
PD TS
DATA
CLK2
CLK1
STR O BE
NC
NC
16
15
14
13
SC LK
X2
16 pin (150 m il) SO IC
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1/ICLK
XI
Crystal connection (REF frequency). Connect to a parallel resonant crystal or an
input clock.
2
NC
-
No connect. Do not connect anything to this pin.
3
VDD
Power
Connect to 3.3 V or 5 V.
4
NC
-
No connect. Do not connect anything to this pin.
5
GND
Power
Connect to ground.
6
CLK2
Output
Output clock 2, determined by F0 - F1. Can be reference, REF/2, CLK1/2 , or off.
7
NC
-
No connect. Do not connect anything to this pin.
8
SCLK
Input
Serial clock. See timing diagram.
9
STROBE
Input
Strobe to load data. See timing diagram.
10
NC
-
No connect. Do not connect anything to this pin.
11
CLK1
Output
Output clock 1, determined by R0 - R6, V0 - V8, S0 - S2, and input frequency.
12
DATA
Input
Data input. Serial input for three words which set the output clock(s).
13
PDTS
Input
Powers down entire chip, tri states CLK1 and CLK2 outputs when low. Internal
pull-up.
14
NC
-
No connect. Do not connect anything to this pin.
15
NC
-
No connect. Do not connect anything to this pin.
16
X2
XO
Input crystal connection. Connect to a crystal or leave unconnected for clock
input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com