Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307-01 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS307-01
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307-01 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS307-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SERIALLY PROGRAMMABLE CLOCK SOURCE
MDS 307-01/02 F
6
Revision 121304
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297 -1 201 ● www.icst.com
ICS307-01/02
Programming Example
To generate 66.66 MHz from a 14.31818 MHz input, the RDW should be 59, the VDW should be 276, and
the Output Divide is 2. Selecting the minimum internal load capacitance, CMOS duty cycle, and CLK2 to be
OFF means that the following three bytes are sent to the ICS307:
As show in Figure 2, after these 24 bits are clocked into the ICS307, taking STROBE high will send this
data to the internal latch and the CLK output will lock within 10 ms.
Note: If STROBE is in the high state and SCLK is pulsed, DATA is clocked directly to the internal latch and
the output conditions will change accordingly. Although this will not damage the ICS307, it is recommended
that STROBE be kept low while DATA is being clocked into the ICS307 in order to avoid unintended
changes on the output clocks.
AC Parameters for Writing to the ICS307
External Components/Crystal Selection
The ICS307 requires a 0.01
µF decoupling capacitor to be connected between VDD and GND. It must be connected
close to the ICS307 to minimize lead inductance. A 33
Ω terminating resistor can be used in series with CLK1 and
CLK2 outputs. A parallel resonant, fundamental mode crystal with a load (correlation) capacitance of C should be
used, where C is the value calculated from Table 4. For crystals with a specified load capacitance greater than C,
additional crystal capacitors may be connected from each of the pins X1 and X2 to ground as shown in the Block
Diagram on page 1. The value (in pF) of these crystal caps should be = (CL-C)*2, where CL is the crystal load
capacitance in pF and C is the capacitance value from Table 4. These external capacitors are only required for
applications where the exact frequency is critical. For a clock input, connect to X1 and leave X2 unconnected (no
capacitors on either pin).
00110001
10001010
00111011
Byte 1
Byte 2
Byte 3
Parameter
Condition
Min.
Max.
Units
tSETUP
Setup time
10
ns
tHOLD
Hold time after SCLK
10
ns
tW
Data wait time
10
ns
tS
Strobe pulse width
40
ns
SCLK Frequency
50
MHz
DATA
F1
TTL
C0
C1
R1
R0
t
hold
t
setup
SCLK
STROBE
t
s
t
w
Figure 2. Timing Diagram for Programming the ICS307



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com