Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS307-01
Description  SERIALLY PROGRAMMABLE CLOCK SOURCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS307-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS307-01 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICS307-01/02
MDS 307-01/02 F
1
Revision 121304
Integrat ed Circuit Systems ● 5 25 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
SERIALLY PROGRAMMABLE CLOCK SOURCE
Description
The ICS307-01 and ICS307-02 are versatile serially
programmable clock sources which take up very little
board space. They can generate any frequency from 6
to 200 MHz and have a second configurable output.
The outputs can be reprogrammed on the fly and will
lock to a new frequency in 10 ms or less. Smooth
transitions (in which the clock duty cycle remains near
50%) are guaranteed if the output divider is not
changed.
The devices includes a PDTS pin which tri-states the
output clocks and powers down the entire chip.
The ICS307-02 features a default clock output at
start-up and is recommended for all new designs.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
For applications which require defined input to output
skew, use the ICS527-01.
Features
• Packaged in 16-pin (150 mil wide) SOIC
• ICS307M-02 and -02I available in Pb (lead) free
package
• Highly accurate frequency generation
• Serially programmable: user determines the output
frequency via a 3 wire interface
• Eliminates need for custom quartz
• Input crystal frequency of 5 - 27 MHz
• Output clock frequencies up to 200 MHz
• Power down tri-state mode
• Very low jitter
• Operating voltage of 3.3 V or 5 V
• 25 mA drive capability at TTL levels
• Industrial temperature version available
Block Diagram
VDD
GND
Reference
Divider
Phase Comparator,
Charge Pump, and
Loop Filter
VCO
VCO
Divider
Output
Divider
3
S2:S0
X1/ICLK
X2
Crystal or
clock input
Optional crystal capacitors
Crystal
Oscillator
Shift
Register
2
3
2
Function
Select
STROBE
DATA
SCLK
3
F1:F0
7
R6:R7
F1:F0
S2:S0
C1:C0
TTL
9
V8:V0
CLK1
CLK2
PDTS


Similar Part No. - ICS307-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
More results

Similar Description - ICS307-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
Serially Programmable Clock Source
Revision 042501
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com