Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS426 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS426
Description  Serial ATA/Fibre Channel Clock Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS426 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS426 Datasheet HTML 1Page - Integrated Circuit Systems ICS426 Datasheet HTML 2Page - Integrated Circuit Systems ICS426 Datasheet HTML 3Page - Integrated Circuit Systems ICS426 Datasheet HTML 4Page - Integrated Circuit Systems ICS426 Datasheet HTML 5Page - Integrated Circuit Systems ICS426 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Serial ATA/Fibre Channel Clock Synthesizer
MDS 426 B
4
Revision 091102
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
ICS426
Phase Noise Graph
25 MHz crystal input, 106.25 MHz CLK output.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS426. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Item
Rating
Supply Voltage, VDD
7V
All Inputs and Outputs
-0.5V to VDD+0.5V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
175
°C
Soldering Temperature
260
°C
Phase Noise 106.25 M Hz
-140
-120
-100
-80
-60
-40
-20
0
1E+3
10E+3
100E+3
1E+6
10E+6
offset frequency



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com