Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS426 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS426
Description  Serial ATA/Fibre Channel Clock Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS426 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS426 Datasheet HTML 1Page - Integrated Circuit Systems ICS426 Datasheet HTML 2Page - Integrated Circuit Systems ICS426 Datasheet HTML 3Page - Integrated Circuit Systems ICS426 Datasheet HTML 4Page - Integrated Circuit Systems ICS426 Datasheet HTML 5Page - Integrated Circuit Systems ICS426 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Serial ATA/Fibre Channel Clock Synthesizer
MDS 426 B
5
Revision 091102
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
ICS426
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature 0 to +70
°C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3V ±5%, Ambient Temperature 0 to +70
° C
Note 1: Measured with 15 pF load.
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+70
°C
Power Supply Voltage (measured in respect to GND)
+3.13
+3.3
+3.46
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
3.3
3.47
V
Supply Current
IDD
No load
22
mA
Input High Voltage
VIH
OE, S0, S1
2
V
Input Low Voltage
VIL
OE, S0, S1
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12mA
0.4
V
Short Circuit Current
IOS
CLK output
±50
mA
On Chip Pull-up Resistor
RPU
OE, S0, S1
150
k
Ω
Input Capacitance
CIN
OE, S0, S1
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Crystal or clock input
25
MHz
Output Clock Duty Cycle
Measured at VDD/2, Note 1
45
50
55
%
Output Rise Time
tOR
0.8 to 2.0V, Note 1
1
ns
Output Fall Time
tOF
2.0 to 0.8V, Note 1
1
ns
Short Term Jitter
peak to peak, Note 1
±70
ps
Long Term Jitter
Measured over 1000 cycles;
peak to peak, Note 1
170
ps
Phase Noise
106.25M CLK, relative to carrier,
100 Hz offset
-90
dBc/Hz
106.25M CLK, relative to carrier,
1kHz offset
-115
dBc/Hz
106.25M CLK, relative to carrier,
10 kHz offset
-121
dBc/Hz
106.25M CLK, relative to carrier,
100 kHz offset
-116
dBc/Hz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com