Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS426 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS426
Description  Serial ATA/Fibre Channel Clock Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS426 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS426 Datasheet HTML 1Page - Integrated Circuit Systems ICS426 Datasheet HTML 2Page - Integrated Circuit Systems ICS426 Datasheet HTML 3Page - Integrated Circuit Systems ICS426 Datasheet HTML 4Page - Integrated Circuit Systems ICS426 Datasheet HTML 5Page - Integrated Circuit Systems ICS426 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS426
MDS 426 B
1
Revision 091102
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
Serial ATA/Fibre Channel Clock Synthesizer
Description
The ICS426 was developed for serial ATA (SATA) and
fiber channel. It generates a high quality, high
frequency clock output from a low cost frequency
crystal or clock input.
Using Phase-Locked-Loop (PLL) techniques, the
device runs from a standard fundamental mode,
inexpensive crystal or clock input.
Features
• Packaged in 16 pin TSSOP
• Input crystal or clock frequency of 25 MHz (typical)
• Supports serial ATA Generation 1
• Supports Fiber Channel
• Duty cycle of 45/55
• Operating voltage of 3.3V
• Advanced, low power, CMOS process
Block Diagram
X1
X2
PLL /Clock
Synthesis
Circuitry
Crystal
O scillator
25 MHz
Crystal or
Clock Input
Capacitors may be
required with a crystal input.
CLK
GND
6
S0:S1
OE
VDD
4


Similar Part No. - ICS426

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS421-05 ICST-ICS421-05 Datasheet
144Kb / 5P
DIGITAL VIDEO CAMERA CLOCK
Revision 072304
ICS421002AI01 ICST-ICS421002AI01 Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2006
ICS421002AIL ICST-ICS421002AIL Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 7, 2006
ICS421004AI01 ICST-ICS421004AI01 Datasheet
208Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A MACH 29, 2005
ICS421G-05LF ICST-ICS421G-05LF Datasheet
144Kb / 5P
DIGITAL VIDEO CAMERA CLOCK
Revision 072304
More results

Similar Description - ICS426

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT78C5090 ATMEL-AT78C5090 Datasheet
121Kb / 3P
2-CHANNEL SERIAL ATA PHY
AT78C5091 ATMEL-AT78C5091 Datasheet
140Kb / 3P
1-channel Serial ATA PHY
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Adam Technologies, Inc.
SATA-A-PL-SMT-K ADAM-TECH-SATA-A-PL-SMT-K Datasheet
121Kb / 1P
SERIAL ATA CONNECTOR
SATA-A-PL-VT-K-X ADAM-TECH-SATA-A-PL-VT-K-X Datasheet
96Kb / 1P
SERIAL ATA CONNECTOR
SATA-B-PL-SMT-K-BL ADAM-TECH-SATA-B-PL-SMT-K-BL Datasheet
102Kb / 1P
SERIAL ATA CONNECTOR
SATA-B-PR-RT ADAM-TECH-SATA-B-PR-RT Datasheet
90Kb / 1P
SERIAL ATA CONNECTOR
SATA-C-PR-SMT-K ADAM-TECH-SATA-C-PR-SMT-K Datasheet
105Kb / 1P
SERIAL ATA CONNECTOR
SATA-G-PM-SMT ADAM-TECH-SATA-G-PM-SMT Datasheet
95Kb / 1P
SERIAL ATA CONNECTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com