Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS411LF Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS411LF
Description  PC PERIPHERAL CLOCK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS411LF Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS411LF Datasheet HTML 1Page - Integrated Circuit Systems ICS411LF Datasheet HTML 2Page - Integrated Circuit Systems ICS411LF Datasheet HTML 3Page - Integrated Circuit Systems ICS411LF Datasheet HTML 4Page - Integrated Circuit Systems ICS411LF Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICS411
MDS 411 C
1
Revision 062005
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
PC PERIPHERAL CLOCK
Description
The ICS411 is a cost-effective clock synthesizer
developed to optimize component count for PC
motherboard and peripheral applications. The device
supports a common, low cost 14.31818 MHz crystal.
The device locks all output frequencies to enhance
system performance. By supporting common PC
peripheral interface frequencies including 25 MHz for
Ethernet and 24.576 MHz for audio and other
applications, the device lowers chip count enhancing
system cost and reliability.
The ICS411 utilizes a low pin count 8-pin SOIC
package to optimize board space.
ICS is a leader in low jitter and power consumer
application clock sources. These devices are capable
of supporting CCD, video, audio, USB, CPU, and other
peripherals.
Features
• Low operating voltage of 3.3 V
• Accepts 14.31818 MHz clock input to lower jitter
• Fixed dual 25 MHz clocks for Ethernet
• Fixed 24.576 MHz clock
• Power consumption of 15 mA (typ) extends battery
life
• Duty cycle of 45 to 55% (24.576M)
• Packaged in 8-pin SOIC
• Available in Pb (lead) free package
• Contact ICS for custom frequency requirements
Block Diagram
24.576M
IC L K
14.31818 M H z
PL L
25M
25M
VD D
GND
2


Similar Part No. - ICS411LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS40004A01L ICST-ICS40004A01L Datasheet
262Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
ICS40004A11L ICST-ICS40004A11L Datasheet
172Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS40004AI01 IDT-ICS40004AI01 Datasheet
844Kb / 16P
FEMTOCLOCKS??CRYSTAL-TOLVCMOS/LVTTL FREQUENCY SYNTHESIZER
logo
Integrated Circuit Syst...
ICS4002AI01L ICST-ICS4002AI01L Datasheet
163Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JANUARY 5, 2006
logo
Integrated Device Techn...
ICS4002AI01L IDT-ICS4002AI01L Datasheet
741Kb / 14P
FEMTOCLOCKS CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
More results

Similar Description - ICS411LF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8570A NSC-DP8570A Datasheet
381Kb / 26P
Timer Clock Peripheral (TCP)
DP8571A NSC-DP8571A Datasheet
361Kb / 24P
Timer Clock Peripheral (TCP)
logo
Integrated Circuit Syst...
ICS650-01 ICST-ICS650-01 Datasheet
42Kb / 4P
System Peripheral Clock Source
Revision 092799
ICS650-21 ICST-ICS650-21 Datasheet
63Kb / 4P
System Peripheral Clock Source
Revision 010301
ICS409 ICST-ICS409 Datasheet
137Kb / 5P
PC PERIPHERAL CLOCK
Revision 111005
ICS650-01B ICST-ICS650-01B Datasheet
44Kb / 4P
System Peripheral Clock Source
Revision 041499
logo
Texas Instruments
DP8570A TI1-DP8570A_11 Datasheet
423Kb / 28P
DP8570A Timer Clock Peripheral
logo
Integrated Device Techn...
ICS650-21 IDT-ICS650-21 Datasheet
202Kb / 8P
SYSTEM PERIPHERAL CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-01 RENESAS-ICS650-01 Datasheet
382Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
051310
ICS650-21 RENESAS-ICS650-21 Datasheet
357Kb / 9P
SYSTEM PERIPHERAL CLOCK SOURCE
REV J 051310
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com