Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7210A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7210A
Description  1A 2MHz 5.5V Synchronous Buck Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7210A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7210A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7210A Datasheet HTML 2Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACE7210A
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
1
Description
The ACE7210A is a high-efficiency, DC-to-DC step- down switching regulators, capable of delivering
up to 1A of output current. The device operates from an input voltage range of 2.6V to 5.5V and provides
an output voltage from 0.6V to VIN. Working at a fixed frequency of 2MHz allows the use of small external
components, such as ceramic input and output caps, as well as small inductors, while still providing low
output ripples. This low noise output along with its excellent efficiency achieved by the internal
synchronous rectifier, making ACE7210A an ideal replacement for large power consuming linear
regulators. Internal soft-start control circuitry reduces inrush current. Short-circuit and thermal shutdown
protection improves design reliability.
Features
⚫
High efficiency: up to 97%
⚫
Up to 1A Max output current
⚫
2MHz switching frequency
⚫
Low dropout 100% duty operation
⚫
Internal compensation and soft-start
⚫
Current mode control
⚫
Reference 0.6V
⚫
Logic control shutdown (IQ<1uA)
⚫
Thermal shutdown, UVLO
Application
⚫
Cellular phones
⚫
Digital Cameras
⚫
MP3 and MP4 players
⚫
Set top boxes
⚫
Wireless and DSL Modems
⚫
USB supplied Devices in Notebooks
⚫
Portable Devices
Absolute Maximum Ratings
Parameter
Value
Max Input Voltage
6V
Max Operating Junction Temperature (Tj)
125°C
Ambient Temperature (Ta)
-40°C
– 85°C
Maximum Power Dissipation
400mW
Storage Temperature (Ts)
-40°C - 150°C
Lead Temperature & Time
26°C, 10S
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.


Similar Part No. - ACE7210A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7212E ACE-ACE7212E Datasheet
489Kb / 10P
18V, 2A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7212Y ACE-ACE7212Y Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7212YGMH ACE-ACE7212YGMH Datasheet
222Kb / 4P
High-Efficiency 2A Continuous 24V Input Synchronous Step Down Converter
VER 1.1
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
More results

Similar Description - ACE7210A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204 Datasheet
112Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Micrel Semiconductor
MIC2204 MICREL-MIC2204_05 Datasheet
155Kb / 11P
High-Efficiency 2MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
2A 1.4M 5.5V Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7153 ANPEC-APW7153 Datasheet
407Kb / 20P
3A 5V 2MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE7215A ACE-ACE7215A Datasheet
405Kb / 9P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
ACE7222C ACE-ACE7222C Datasheet
467Kb / 10P
2A 2MHz 5.5V Synchronous Buck Converter
VER 1.2
ACE72251LA ACE-ACE72251LA Datasheet
351Kb / 4P
1.5A 2MHz 6V Synchronous Buck Converter
VER 1.1
logo
Diodes Incorporated
AP61100 DIODES-AP61100 Datasheet
1Mb / 22P
2.3V TO 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
September 2022
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com