Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB2 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # USB2PMB2
Description  Small PCB Area
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB2 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button USB2PMB2 Datasheet HTML 4Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 5Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 6Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 7Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 8Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 9Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 10Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 11Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Maxim Integrated │ 8
www.maximintegrated.com
USB2PMB2# Adapter Board
Evaluates: Munich (USB2PMB2#)
e)
Calibrate: If the user wishes to calibrate, this option
enables a real-time calibration as shown in Figure 11.
i)
Shunt Resistor value: This option allows entering
the exact value of shunt resistance in Campbell
board. This also allows the user to change the
resistance and scale the current measured.
ii)
Offset: The offset calibration is done by forcing
a 0V input voltage or 0mA current to obtain the
plot counts. This plot counts value if other than
0, should be fed in the offset digit tab.
iii)
Volt per LSB: This option calibrates for gain
error. The volt per code calibration is done
by forcing approximately 80% of the specified
input range (4.096V) at the input to obtain the
code.
16
Vin_Mea
Volt per
sured
L
21
SB =
−
If there is no gain error:
16
Vol
4.096
0.0000625 Volt/digit
21
t per LSB
−
=
=
Figure 11. “Calibration” Display on Munich/Campbell GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com