Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB2 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # USB2PMB2
Description  Small PCB Area
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB2 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button USB2PMB2 Datasheet HTML 5Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 6Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 7Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 8Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 9Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 10Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 11Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 12Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Maxim Integrated │ 9
www.maximintegrated.com
USB2PMB2# Adapter Board
Evaluates: Munich (USB2PMB2#)
Santa Fe GUI Tab
This environment is similar to the Campbell tab described.
It consists of the internal block diagram of the Santa Fe
board and the following operations to perform:
● Selecting Channel/Range
● Sample Once and Sample Continuously
● Average
● Choose Sampling Rate and Sample Count
● View Plots
● Calibrate
● Plot Configurations Options
1)
Selecting Channel/Range: Refers to the block
diagram present at the right side of the GUI, which
describes four different channel input options.
Checking the right input and right input range at the
GUI translates the input channel and its data range
at the board. Each channel input has seven differ-
ent input range options for selection. See Figure 12.
2)
Sampling
a)
Sample Once: This pushbutton tab allows dis-
crete sampling.
b)
Sample Continuously: This feature allows
continuous sampling. Once the Sample
Continuously button is clicked the button
changes its text to
Stop Sampling and the
user would not be able to disconnect the board
from the software until the user clicks the
Stop
Sampling button.
c)
Sample Rate: This drop-down box option
allows the user to choose the sample rate or
the number of samples per second.
d)
Sample Count: This drop-down box option
allows the user to choose the number of sam-
ples to be sampled.
3)
Real Time Scope: The scope present on the left side
of the GUI represents the measured data with number
of samples in X-axis and Y-axis is selected from the
available plot view options from the bottom of the GUI
environment.
Figure 12. Munich/Santa Fe GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com