Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2PMB2 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # USB2PMB2
Description  Small PCB Area
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB2 Datasheet(HTML) 1 Page - Maxim Integrated Products

  USB2PMB2 Datasheet HTML 1Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 2Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 3Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 4Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 5Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 6Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 7Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 8Page - Maxim Integrated Products USB2PMB2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
USB2PMB2# Adapter Board
Evaluates: Munich (USB2PMB2#)
General Description
This document explains how the Munich (USB2PMB2#)
adapter board receives commands from a laptop through
the USB to create an I2C/SPI interface. Hardware
design files as well as results on interfacing
USB2PMB2# with
MAX11300PMB1, Santa Fe
(MAXREFDES5#), Campbell (MAXREFDES4#), Fresno
(MAXREFDES11#), and Corona (MAXREFDES12#) are
provided.
Portability has become another word for convenience.
These days, almost all of us carry laptops, and this advan-
tage can be used to showcase parts to the customers
offering solutions that can cater to their needs. To have
that convenience, we need to have a board that interfaces
with our laptops to the signal chain electronics that are
present on many of the industrial, medical, and consumer
applications. This adapter board serves this purpose of
being a bridge between your laptop and your I2C/SPI-
enabled devices.
The Maxim USB2PMB2# board requires custom soft-
ware and can be ordered together as an evaluation
system (EV system). The Munich design integrates a
low-power, 1.2A, PWM step-down DC-DC converter
(MAX1556); a dual, high-speed, USB-to-multipurpose
UART/FIFO IC (FT2232HL), high-speed USB switches,
and a 4K MICROWIRE®-compatible serial EEPROM.
This Munich adapter board is used to enable USB-
to-I2C/SPI interface for any Pmod™-compatible plug-
in peripheral modules such as the Maxim Campbell,
Santa Fe, Fresno, and Corona reference designs.
Ordering information for EV systems is included in the EV
kits’ corresponding data sheet. An EV system is an EV kit
combined with an interface board such as a USB2PMB2#
and custom software. Refer to the appropriate EV kit data
sheet for quick start and detailed operating instructions.
The USB2PMB2# has been tested on Windows® 7,
Windows 8, and Windows XP®.
Adapter Board Contents
● USB2PMB2# Board
● Mini-USB Cable
Features
● USB-to-I2C/SPI Interface
● Small PCB Area
● Pmod™-Compatible Form Factor
Applications
● Industrial Sensors
● Process Control
● Industrial Automation
● PLCs
● Medical
19-7743; Rev 0; 9/15
Ordering Information appears at end of data sheet.
Figure 1. Munich USB2PMB2# Board
MICROWIRE is a registered trademark of National Semiconductor
Corp.
Pmod is a trademark of Digilent Inc.
Windows is a registered trademark and registered service mark and
Windows XP is a registered trademark of Microsoft Corporation.
Figure 1


Similar Part No. - USB2PMB2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
USB2PMB2# MAXIM-USB2PMB2# Datasheet
1Mb / 8P
Fully Assembled and Tested
319-100784; Rev 0; 6/21
USB2PMB2# MAXIM-USB2PMB2# Datasheet
2Mb / 8P
On-Board I2C to 1-Wire Converter (DS2482)
319-100517; Rev 1; 3/20
USB2PMB2# MAXIM-USB2PMB2# Datasheet
995Kb / 7P
DS18B20 Evaluation System
2019
More results

Similar Description - USB2PMB2

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
SD012-70-62-541 ADVANCEDPHOTONIX-SD012-70-62-541 Datasheet
67Kb / 1P
Small Area Silicon Avalanche Photodiode
SD036-70-62-531 ADVANCEDPHOTONIX-SD036-70-62-531 Datasheet
67Kb / 1P
Small Area Silicon Avalanche Photodiode
logo
Cooper Bussmann, Inc.
C515 COOPER-C515 Datasheet
448Kb / 14P
PCB & Small Dimension Fuses
logo
List of Unclassifed Man...
LCA50S-12 ETC2-LCA50S-12 Datasheet
152Kb / 3P
Small and compact PCB construction
logo
HuaXinAn Electronics CO...
JQX-141FF2A HUAXINAN-JQX-141FF2A Datasheet
97Kb / 1P
Slim type and small occupying area can offer high density P.C.B. technique
JQX-141FF2C HUAXINAN-JQX-141FF2C Datasheet
97Kb / 1P
Slim type and small occupying area can offer high density P.C.B. technique
N68FA HUAXINAN-N68FA Datasheet
487Kb / 1P
Slim type and small occupying area can offer high density P.C.B. technique.
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Pepperl+Fuchs Inc.
FLT-8-HW-2800-CLS PF-FLT-8-HW-2800-CLS Datasheet
868Kb / 5P
Area scanner
logo
Maxim Integrated Produc...
USB2PMB1 MAXIM-USB2PMB1 Datasheet
1Mb / 15P
Small PCB Area
Rev 1; 6/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com