Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5OSK482 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS5OSK482
Description  48 MHz Tiny USB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5OSK482 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS5OSK482 Datasheet HTML 1Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 2Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 3Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 4Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
48 MHz Tiny USB Clock Source
MDS 5OSK482 B
2
Revision 111805
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
PRELIM INAR Y INFORM A T ION
ICS5OSK482
Pin Assignment
Pin Descriptions
External Components
External Crystal
The ICS5OSK482 requires a 14.31818 MHz crystal. In
order to minimize ppm errors, the PCB should include
pads for crystal capacitors from pins X1 to ground and
X2 to ground to optimize the initial accuracy. The
capacitor value can be determined by tuning the PCB
so that the error on the reference output is equal to the
initial crystal error.
Crystal Load Capacitors
The device crystal connections should include pads for
small capacitors from X1 to ground and from X2 to
ground. These capacitors are used to adjust the stray
capacitance of the board to match the nominally
required crystal load capacitance. Because load
capacitance can only be increased in this trimming
process, it is important to keep stray capacitance to a
minimum by using very short PCB traces (and no vias)
been the crystal and device. Crystal capacitors must be
connected from each of the pins X1 and X2 to ground.
The value (in pF) of these crystal caps should equal
(CL -6 pF)*2. In this equation, CL= crystal load
capacitance in pF. Example: For a crystal with a 8 pF
load capacitance, each crystal capacitor would be 4 pF
[(8-6) x 2 = 4].
X2
GN D
CLK
X1
1
2
3
5
4
VD D
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
X1
Input
25 MHz crystal input. Connect to a parallel resonant fundamental crystal.
2
GND
Power
Connect to ground.
3
CLK
Output
PLL output clock. Internal pull-down resistor.
4
VDD
Power
Connect to 3.3 V.
5
X2
Output
25 MHz crystal output.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com