Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5OSK482 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS5OSK482
Description  48 MHz Tiny USB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5OSK482 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS5OSK482 Datasheet HTML 1Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 2Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 3Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 4Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
48 MHz Tiny USB Clock Source
MDS 5OSK482 B
3
Revision 111805
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
PRELIM INAR Y INFORM A T ION
ICS5OSK482
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS5OSK482. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD=3.3 V ±5% , Ambient temperature 0 to +70
°C, CL=15pF
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.135
+3.465
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage
VIH
OE
2.0
V
Input Low Voltage
VIL
OE
0.8
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
IDD Operating Supply Current
No load
TBD
mA
Short Circuit Current
CLK output
+70
mA
On-Chip Pull-up Resistor
OE
270
k
Ω
Input Capacitance
4
pF
Nominal Output Impedance
20
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com