Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5OSK482 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS5OSK482
Description  48 MHz Tiny USB Clock Source
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5OSK482 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS5OSK482 Datasheet HTML 1Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 2Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 3Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 4Page - Integrated Circuit Systems ICS5OSK482 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
48 MHz Tiny USB Clock Source
MDS 5OSK482 B
5
Revision 111805
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
PRELIM INAR Y INFORM A T ION
ICS5OSK482
Package Outline and Package Dimensions (5-pin TSOT)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a “LF” suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS5OSK482TILF
TBD
Tubes
5-pin TSOT
-40 to +85
° C
ICS5OSK482TILFT
TBD
Tape and Reel
5-pin TSOT
-40 to +85
° C
Millimeters
Symbol
Min
Max
A
1.00
A1
0.01
0.10
A2
0.84
0.90
b0.30
0.45
c0.12
0.20
D
2.90 BASIC
E
2.80 BASIC
E1
1.60 BASIC
e
0.95 BASIC
e1
1.90 BASIC
L0.30
0.50
L1
0.60 REF
L2
0.25 BASIC
θ
0
°
8
°
aaa
0.10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com