Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14682 Datasheet(PDF) 74 Page - Dialog Semiconductor

Part # DA14682
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14682 Datasheet(HTML) 74 Page - Dialog Semiconductor

Back Button DA14682 Datasheet HTML 70Page - Dialog Semiconductor DA14682 Datasheet HTML 71Page - Dialog Semiconductor DA14682 Datasheet HTML 72Page - Dialog Semiconductor DA14682 Datasheet HTML 73Page - Dialog Semiconductor DA14682 Datasheet HTML 74Page - Dialog Semiconductor DA14682 Datasheet HTML 75Page - Dialog Semiconductor DA14682 Datasheet HTML 76Page - Dialog Semiconductor DA14682 Datasheet HTML 77Page - Dialog Semiconductor DA14682 Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 459 page
background image
Datasheet
Revision 3.3
6-Feb-2020
CFR0011-120-00-FM Rev 5
74 of 459
© 2018-2020 Dialog Semiconductor
DA14682
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
FINAL
12.1.3 SPI modes
The Quad SPI Controller (QSPIC) supports the follow-
ing SPI standards:
• Single: Data transfer via two unidirectional pins.
Note 2:
The QSPIC supports communication to any single/dual or
Quad SPI FLASH memory. Contrary to the Standard SPI
interface, the supported Single SPI interface does not sup-
port the bus modes 1 and 2, does not support full-duplex
communications and does not support any SPI slave mode.
• Dual: Data transfer via two bidirectional pins.
• Quad: Data transfer via four bidirectional pins.
12.1.4 Access modes
The access to a serial FLASH connected to the QSPI
can be done in two modes:
• Auto mode
• Manual mode
These modes are mutually exclusive. The serial
FLASH can be controlled only in one of the two modes.
The registers which control the mode of operation can
be used at any mode.
In auto mode, 3-bytes and 4-bytes addressing modes
are
supported.
With
QSPIC_CTRLMODE_REG
[QSPIC_USE_32BA]=0, up to 16 MBytes QSPI (3-
bytes
addressing)
can
be
accessed.
If
QSPIC_USE_32BA=1, the 4-bytes addressing is ena-
bled for accessing up to 32 Mbyte QSPI FLASH.
Auto mode
In auto mode a read access from the serial FLASH
memory is fully transparent to the CPU. A read access
at the interface is translated by the QSPIC into the
respective SPI bus control commands needed for the
FLASH memory access.
When the Auto Mode is disabled, any access (reading
or writing) will be ignored. When the Auto Mode is ena-
bled, only read access is supported. A write access
causes hard fault. A read access can be single access,
incremental burst or wrapping burst. Wrapping burst is
supported even when the FLASH device doesn’t sup-
port any special instruction for wrapping burst. A spe-
cial read instruction can be used in the case of a
specific (programmable) wrapping burst access. When
a FLASH supports a special instruction for wrapping
burst access, this feature reduces access time (less
wait states). For maximizing the utilization of the bus
and minimizing the number of wait states, it is recom-
mended to use burst accesses. However, non-sequen-
tial random accesses are supported with the cost of
more wait states.
Manual Mode
In manual mode the FLASH memory is controlled via a
register file. All instructions that are supported by a
FLASH memory can be programmed using the register
file. Moreover, the mode of interface (SPI, Dual SPI,
Quad SPI) and the mode of operation (Auto or Manual
Mode) can be configured via this register file. The reg-
ister file supports the following data sizes for reading
and writing accesses: 8-bits, 16-bits and 32 bits.
12.1.5 Endianess
The QSPIC operates in little-endian mode. For 32-bit
or 16 bit access (for read and write operations) to a
serial FLASH memory, the least-significant byte comes
first. For 32-bit access the byte ordering is: data [7:0],
data [15:8], data [23:16], data [31:24] while for 16-bit
access the byte ordering is: data [7:0], data [15:8].
12.1.6 Erase Suspend/Resume
The QSPI FLASH can be used for Data Storage, com-
bining the EEPROM functionality + Program storage in
one single device.
For this purpose the QSPI ERASE/SUSPEND ERASE
RESUME commands are automatically executed as
shown in Figure 46.
To store data in QSPI FLASH, execution from QSPI
must temporary be stopped by running directly from
RAM or from a cached program part. The sector desig-
nated for storage must be erased first in case it con-
tained data already.
The process is implemented in a HW FSM and con-
sists of the following steps:
1. The controller is in Auto mode and read requests
are served. The Erase procedure is initiated by
setting QSPIC_ERASE_EN=1. The address of
the sector that will be erased, is defined at
QSPIC_ERS_ADDR. When an Erase procedure
is requested, the controller jumps to state 2.
2. Read requests are still served. As soon as the
Read requests stop (also possible due to late
bus master change, e.g DMA) and there is no
any new Read request for a number of AHB
clock cycles equal to QSPIC_ERSRES_HLD,
then
QSPIC_WEN_INST
and
QSPIC_ERS_INST instructions are sent to the
FLASH. The QSPIC_RESSUS_DLY counter is
started and the controller jumps to state 3.
3. Erasing is in progress in FLASH and the QSPI
controller waits until one of the following events
occur:
• A status check request. This request can be
forced by writing QSPIC_CHCKERASE_REG.
The QSPI controller will then read the status of
the FLASH memory and check if erasing has
finished. Reading of the status is delayed by
QSPIC_RESSTS_DLY cycles or by
QSPIC_RESSUS_DLY cycles. The first is
based on the clock of the SPI bus, while the lat-
ter on an internal 222 KHz clock. The selection
between the two delays is configured by
QSPIC_STSDLY_SEL bit. If erasing has fin-
ished, the QSPI controller returns to the normal
operation (state 1) and sets
QSPIC_ERASE_EN= 0, otherwise it remains at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com