Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14682 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA14682
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14682 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA14682 Datasheet HTML 17Page - Dialog Semiconductor DA14682 Datasheet HTML 18Page - Dialog Semiconductor DA14682 Datasheet HTML 19Page - Dialog Semiconductor DA14682 Datasheet HTML 20Page - Dialog Semiconductor DA14682 Datasheet HTML 21Page - Dialog Semiconductor DA14682 Datasheet HTML 22Page - Dialog Semiconductor DA14682 Datasheet HTML 23Page - Dialog Semiconductor DA14682 Datasheet HTML 24Page - Dialog Semiconductor DA14682 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 459 page
background image
Datasheet
Revision 3.3
6-Feb-2020
CFR0011-120-00-FM Rev 5
21 of 459
© 2018-2020 Dialog Semiconductor
DA14682
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
FINAL
mostly flags with redundancy over the whole 64-bit
word to ensure no mistaken value will be read. The flag
value is repeated over all bytes of the word.
The Trim and Calibration Settings Section comprises
the addresses and data values of the registers to be
configured after power/wake up. The OTP contains the
inverted values of both the address and the data val-
ues in the most significant 32-bit word. Reading from
OTP, checking and then storing the value into the
respective register is considered to be a fast and easy
task for software.
The Elliptic Curve Contents Section contains its own
CRC-16 checksum, while the actual OTP image (not
present in the header) is also optionally protected by a
CRC-16 checksum (Image CRC).
The QSPI FLASH Initialisation Section relies on the
OTP controller reports for integrity.
3.4 SYSTEM STARTUP PROCEDURE
After power-on or wake-up, a hardware state machine
is started, which resides in the Power Management
Unit. Following this, the CPU will start executing code
from address 0x0. If the system is just powered-up,
then ROM resides at 0x0 hence the bootROM
sequence will be triggered. If the system was just
waken-up, then address 0x0 is remapped to either the
Data-RAM or one of the Non-Volatile resources of the
chip hence code is directly executed from there.
3.4.1 Power/Wakeup FSM
The hardware FSM is responsible for starting the main
LDOs of the system and power the main rails used for
supplying the digital and analog resources of the chip.
The flow chart of this state machine is presented in Fig-
ure 3. System clock after Power On Reset is released,
is the 32 kHz coming from an on-chip RC oscillator
(RC32K). The FSM will initially compare the voltages
between pins VBUS and VBAT. This embedded PMU
feature provides a digital signal for deciding which LDO
to start so that Vsys is powered up. Please refer to Fig-
ure 6 for an overview of the LDOs.
When VBUS is present (the system is connected to the
USB for recharging or software upgrading), the PMU
powers the whole system from VBUS instead of VBAT.
Therefore a dedicated LDO_USB will be started. The
LDO_USB has its own reference and will switch to the
Bandgap reference voltage as soon as the latter has
settled.
When no VBUS is detected (no USB connection), the
LDO_VBAT will be turned on, followed by the Bandgap.
The LDO_VBAT also has its own reference for starting
up and will automatically switch to the Bandgap refer-
ence.
The next step is to start the LDO_IO2 and LDO_IO,
which provide power to the external rails and QSPI
FLASH. Then the LDO_CORE is enabled to supply the
VDD voltage (1.2 V) for the digital core to start operat-
ing. From that point onwards and provided that the
LDOs are settled, the digital system is up and running.
Next, RC16 MHz oscillator is started and XTAL16 oscil-
lator is enabled. The system clock switches to the 16
MHz RC clock to start OTP mirroring or any other ini-
tialisation procedure that has to do with an FLASH.
Then the CPU can take over and either start executing
code from RAM or ROM. In the case of executing code
from RAM, it can switch on the SIMO DC-DC con-
verter, disable the LDOs to lower the power consump-
tion of the digital part and operate the radio. For a
detailed overview of the PMU, refer to Figure 11 and for
a representation of the timing of the power up/ wake up
process refer to Figure 21.
The latency of the hardware FSM is not always the
same. It depends on whether it is a power up or a wake
up and more specific, in the case of a wake up, it
depends on the time the system has been sleeping.
When powered up the default clock is the RC32 which
is close to 32 kHz. The time required for the completion
of the HW FSM is 16 clock cycles i.e. 0.5 ms. If the sys-
tem wakes up, then the sleep clock is used: either the
XTAL32K (32 kHz) or the RCX (11.4 kHz). Depending
on the amount of time slept, there might be some
energy in the LDOs left or not, hence the settling time
might be less than expected. This process might take
11 to 16 clock cycles i.e. minimum 0.35 ms, maximum
Figure 3: Power Up / Wake Up FSM
Start
VBUS > VBAT ?
Power On VSYS
Turn on LDO_VBAT
Power On VEXT
Turn on LDO_IO2
Power On VCORE
Turn on LDO_CORE
Switch to RC16
clock
End
Default clock is
RC32 or Sleep
Clock
No
Yes
Power On VSYS
Turn on LDO_USB
Power On VFLASH
Turn on LDO_IO
System clock is
RC16M
Untrimmed if power
up
Trimmed if Wake up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com