Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14682 Datasheet(PDF) 90 Page - Dialog Semiconductor

Part # DA14682
Description  Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
PDF  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14682 Datasheet(HTML) 90 Page - Dialog Semiconductor

Back Button DA14682 Datasheet HTML 86Page - Dialog Semiconductor DA14682 Datasheet HTML 87Page - Dialog Semiconductor DA14682 Datasheet HTML 88Page - Dialog Semiconductor DA14682 Datasheet HTML 89Page - Dialog Semiconductor DA14682 Datasheet HTML 90Page - Dialog Semiconductor DA14682 Datasheet HTML 91Page - Dialog Semiconductor DA14682 Datasheet HTML 92Page - Dialog Semiconductor DA14682 Datasheet HTML 93Page - Dialog Semiconductor DA14682 Datasheet HTML 94Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 459 page
background image
Datasheet
Revision 3.3
6-Feb-2020
CFR0011-120-00-FM Rev 5
90 of 459
© 2018-2020 Dialog Semiconductor
DA14682
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
FINAL
16
True Random Number Generator
(TRNG)
The TRNG is a non-deterministic Random Number
generator used to provide the seed for encryption pro-
cesses.
Its output can be used as entropy input for a FIPS 140-
2 approved deterministic random number generation
process which is handled by SW and HW accelerators
of the DA14682.
The TRNG contains oscillator rings in digital logic
which combined create metastability on a Flip-Flop
eventually being the source of the entropy bits.
Features
• Optional NIST SP800-90A Hash_DRBG post pro-
cessing using SHA-256 function using the on-chip
HW accelerators
• Random numbers access through 32x32 bits FIFO
on AHB bus
• Dedicated TRNG_IRQ Interrupt line
• Start-up time 512 pclk cycles per 32 random bits
• Clock enable signals for optimal power saving
16.1 ARCHITECTURE
Figure 57 shows the TRNG block diagram.
The TRNG comprises a number oscillator rings con-
sisting of several inverters each. The output of the
oscillator rings are accumulated in a shift register for
whitening before being stored in a 32x32 bits deep
FIFO. The oscillator rings are enabled when the
TRNG_CTRL_REG[TRNG_ENABLE] is set and as
long as the FIFO is not full.
The 32-bit random numbers are accessible via an AHB
interface while the registers are accessible via the
APB32 interface.
16.2 PROGRAMMING
There is a simple sequence of steps that need to be
followed to program the TRNG engine:
1. Set CLK_AMBA_REG[TRNG_CLK_EN]=1 to
enable the AHB bus access
2. Set TRNG_CTRL_REG[TRNG_MODE]=0 to
selects the ring oscillators rather then a pseudo
random generator
3. Set TRNG_CTRL_REG[TRNG_ENABLE]=1 to
start the random number generation. This signal
is ignored when the FIFO is already full
4. Poll TRNG_FIFOLVL_REG which provides the
amount of data in the FIFO, or wait for the
TRNG_IRQ
5. Read the random number from the TRNG FIFO
at address 0x40040000 (TRNG_M)
6. To save power, set TRNG_CLK_EN=0 and set
TRNG_ENABLE=0. The FIFO can only be
accessed if TRNG_CLK_EN=1
Note that, all signals are handled following the little-
endian format. That means that the Least Significant
Byte (LSB) is stored at the lowest address.
16.2.1 Latency
After TRNG_CTRL_REG[TRNG_ENABLE] is set to 1,
it takes 512 pclk clock cycles/FIFO entry. So for 32
FIFO entries 512x32 = 16K pclk clock cycles or 1 ms if
the 16 MHz clock is used.
Figure 57: TRNG block diagram
TRNG
Ring Oscillators
. . .
. . .
. . .
Shift 
Register
FIFO (32b x 32)
Control & Status 
Registers
APB Interface
AHB Interface
AHB
APB32
TRNG_IRQ
ahb_clk
CLK_AMBA_REG[TRNG_CLK_ENABLE]
TRNG_CLK
TRNG_CLK
TRNG_CTRL_REG[TRNG_ENABLE]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com