Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40MW1TH-S/E Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # WL40MW1TH-S/E
Description  Wireless I/O WL40TH Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40MW1TH-S/E Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  WL40MW1TH-S/E Datasheet HTML 1Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 2Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 3Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 4Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 5Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MODEL: WL40MW1TH
WL40MW1TH SPECIFICATIONS
ES-9116 Rev.0 Page 5/6
http://www.m-system.co.jp/
■ EXCEPTION CODE
CODE
NAME
01
Illegal Function
Function code is not allowable for the slave
02
Illegal Data Address
Address is not available within the slave
03
Illegal Data Value
Data is not valid for the function
04
Slave Device Failure
05
Acknowledge
06
Slave Device Busy
07
Negative Acknowledge
EXTERNAL DIMENSIONS unit: mm (inch)
60 (2.36)
107 (4.21)
107 (4.21)
3 (.12)
3 (.12)
45 (1.77)
[200 (7.87)]
20
(.79)
approx. 2500 (98.4)
ø27
(1.06)
ø3 (.12)
ø1.2 (.05)
• With sleeve antenna
• With rooftop antenna
DIN RAIL
35mm wide
DIN RAIL
35mm wide
8 (.31) Hex.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com