Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40MW1TH-S/E Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WL40MW1TH-S/E
Description  Wireless I/O WL40TH Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40MW1TH-S/E Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WL40MW1TH-S/E Datasheet HTML 1Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 2Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 3Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 4Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 5Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: WL40MW1TH
WL40MW1TH SPECIFICATIONS
ES-9116 Rev.0 Page 1/6
http://www.m-system.co.jp/
Wireless I/O WL40TH Series
WIRELESS GATEWAY
(Modbus-RTU Transparent 920MHz Band Wireless Device
(child device) for Thailand)
60 (2.36)
155 (6.10)
[260
(10.24)]
mm (inch)
MODEL: WL40MW1TH-[1][2]
ORDERING INFORMATION
• Code number: WL40MW1TH-[1][2]
Specify a code from below for each of [1] and [2].
(e.g. WL40MW1TH-R/E/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] POWER INPUT
DC Power
S: 12 V DC
(Operational voltage range 12 V ±10 %, ripple 10 %p-p max.)
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS (multiple selections)
Antenna
/S: Sleeve antenna
/E: Rooftop antenna
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
FUNCTIONS & FEATURES
This unit
• Incorporates 920MHz band wireless module.
• Works as a gateway between wireless and RS-485 using
Modbus-RTU protocol.
• For use in Thailand only.
RELATED PRODUCTS
For related products of wireless device, refer to M-System's
web site.
• PC configurator software (model: W920FCFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the unit to the PC.
Please refer to the internet software download site or the
users manual for the PC configurator software for applicable
cable types.
Maintenance software
Maintenance console: MH920 Console International (model:
MH920CI) (OKI)
(Maintenance software is downloadable at M-System’s web
site.)
Coaxial cable
• 7.5 m extension cable for rooftop antenna (model: CX-
SAC0SAD0Q0750) (OKI)
Using 7.5 m coaxial cable for extension decreases
transmission distance.
PACKAGE INCLUDES...
• Terminating resistor (110 Ω, 0.25 W)
GENERAL SPECIFICATIONS
Connection
Wireless network: SMA coaxial connector
RS-485: Tension clamp (Front Twinconnection)
Applicable wire size: 0.2 - 1.5 mm2, stripped length 10 mm
Power supply: Tension clamp (Front Twinconnection)
Applicable wire size: 0.2 - 2.5 mm2, stripped length 10 mm
Maintenance: Mini USB type B female connector
Isolation: Power input to Modbus to FE1 to antenna
connector
Indicator LED: Power
MODBUS COMMUNICATION
Protocol: Modbus-RTU
Configuration: Bus type multi-drop
Standard: Conforms to TIA/EIA-485-A
Communication: Half-duplex, asynchronous, no procedure
Transmission distance: 500 meters max.
Transmission media: Shielded twisted-pair cable (CPEV-S
0.9 dia.)


Similar Part No. - WL40MW1TH-S/E

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WL40MW1F MSYSTEM-WL40MW1F Datasheet
678Kb / 7P
Wireless I/O WL40F Series
WL40MW1F-R MSYSTEM-WL40MW1F-R Datasheet
678Kb / 7P
Wireless I/O WL40F Series
WL40MW1F-R/E MSYSTEM-WL40MW1F-R/E Datasheet
678Kb / 7P
Wireless I/O WL40F Series
WL40MW1F-R/Q MSYSTEM-WL40MW1F-R/Q Datasheet
678Kb / 7P
Wireless I/O WL40F Series
WL40MW1F-R/S MSYSTEM-WL40MW1F-R/S Datasheet
678Kb / 7P
Wireless I/O WL40F Series
More results

Similar Description - WL40MW1TH-S/E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-4012 ADVANTECH-WISE-4012 Datasheet
137Kb / 1P
IoT Wireless I/O Module
logo
M-System Co.,Ltd.
WL40EW2TH MSYSTEM-WL40EW2TH Datasheet
572Kb / 6P
Wireless I/O WL40TH Series WIRELESS GATEWAY
WL40EW2KR MSYSTEM-WL40EW2KR Datasheet
573Kb / 6P
Wireless I/O WL40KR Series WIRELESS GATEWAY
WL40EW2F MSYSTEM-WL40EW2F Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
WL40W1F-DS2 MSYSTEM-WL40W1F-DS2 Datasheet
574Kb / 7P
Wireless I/O WL40F Series
WL40W1F-DAC4A MSYSTEM-WL40W1F-DAC4A Datasheet
607Kb / 7P
Wireless I/O WL40F Series
WL40MW1VN MSYSTEM-WL40MW1VN Datasheet
679Kb / 7P
Wireless I/O WL40VN Series
WL40MW1KR MSYSTEM-WL40MW1KR Datasheet
676Kb / 6P
Wireless I/O WL40KR Series
WL40MW1F MSYSTEM-WL40MW1F Datasheet
678Kb / 7P
Wireless I/O WL40F Series
WL40EW2VN MSYSTEM-WL40EW2VN Datasheet
574Kb / 6P
Wireless I/O WL40VN Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com