Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL40MW1TH-S/E Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WL40MW1TH-S/E
Description  Wireless I/O WL40TH Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WL40MW1TH-S/E Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WL40MW1TH-S/E Datasheet HTML 1Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 2Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 3Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 4Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 5Page - M-System Co.,Ltd. WL40MW1TH-S/E Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: WL40MW1TH
WL40MW1TH SPECIFICATIONS
ES-9116 Rev.0 Page 2/6
http://www.m-system.co.jp/
Status indicator LED: ERR, RD, SD
Max. no. of connections at once: 31
Transmission setting: PC configurator software
Data: RTU (Binary)
Baud rate: 4800, 9600, 19.2k, 38.4 k (bps)
Parity: None, even or odd
Stop bit: 1 or 2
WIRELESS SPECIFICATIONS
Communication Standard: IEEE 802.15.4g
Frequency: 920MHz band (920.2 - 924.8 MHz)
Max. Transmission power: 20mW
Bandwidth: 400 kHz
Modulation: GFSK
Baud rate: Max. 100 kbps
Channels: 1 to 8ch
Security: 128bit AES
Indicator LEDs: 920Run, 920Link, 920ERR
Protocol: Modbus-RTU
Communication module: Router module incorporated (Oki
Electric Industry Co., Ltd. )
Radio parameters setting: by PC configurator software
Antenna
•Sleeve antenna (Model: MH920-ANT-F (S))
Indoor use
Non-waterproof
Non-directional
Gain: 3.0dBi max.
•Rooftop antenna (Model: MH920-ANT-F (R))
Outdoor/indoor use
Cable length: 2.5 m
Waterproof performance: IPx6 (except connector)
Non-directional
Gain: 2.0dBi max.
INSTALLATION
Current consumption:
24 V DC: ≤ 70 mA
12 V DC: ≤130 mA
Operating temperature: -20 to +60°C (-4 to +140°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight
Unit: Approx. 260 g (0.57 lb)
Sleeve antenna (standard): 27 g (0.95 oz)
Rooftop antenna: 52 g (1.83 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(power input to Modbus to FE1 to antenna connector)
STANDARDS & APPROVALS
NBTC, Thailand Radio Waves Act



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com